Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN91C111 Datasheet(PDF) 66 Page - SMSC Corporation

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C111 Datasheet(HTML) 66 Page - SMSC Corporation

Back Button LAN91C111 Datasheet HTML 62Page - SMSC Corporation LAN91C111 Datasheet HTML 63Page - SMSC Corporation LAN91C111 Datasheet HTML 64Page - SMSC Corporation LAN91C111 Datasheet HTML 65Page - SMSC Corporation LAN91C111 Datasheet HTML 66Page - SMSC Corporation LAN91C111 Datasheet HTML 67Page - SMSC Corporation LAN91C111 Datasheet HTML 68Page - SMSC Corporation LAN91C111 Datasheet HTML 69Page - SMSC Corporation LAN91C111 Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 142 page
background image
10/100 Non-PCI Ethernet Single Chip MAC + PHY
Datasheet
Revision 1.8 (07-13-05)
66
SMSC LAN91C111-REV B
DATASHEET
8.14
Bank 1 - General Purpose Register
This register can be used as a way of storing and retrieving non-volatile information in the EEPROM
to be used by the software driver. The storage is word oriented, and the EEPROM word address to
be read or written is specified using the six lowest bits of the Pointer Register.
This register can also be used to sequentially program the Individual Address area of the EEPROM,
that is normally protected from accidental Store operations.
This register will be used for EEPROM read and write only when the EEPROM SELECT bit in the
Control Register is set. This allows generic EEPROM read and write routines that do not affect the
basic setup of the LAN91C111.
LOW
BYTE
ADDRESS 0
000
000
00
HIGH
BYTE
ADDRESS 1
000
000
00
LOW
BYTE
ADDRESS 2
000
000
00
HIGH
BYTE
ADDRESS 3
000
000
00
LOW
BYTE
ADDRESS 4
000
000
00
HIGH
BYTE
ADDRESS 5
000
000
00
OFFSET
NAME
TYPE
SYMBOL
A
GENERAL PURPOSE
REGISTER
READ/WRITE
GPR
HIGH
BYTE
HIGH DATA BYTE
000
000
00
LOW
BYTE
LOW DATA BYTE
000
000
00


Similar Part No. - LAN91C111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
Pulse A Technitrol Comp...
LAN91C111 PULSE-LAN91C111 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Microchip Technology
LAN91C111-NS MICROCHIP-LAN91C111-NS Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111-NS SMSC-LAN91C111-NS Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111-NU MICROCHIP-LAN91C111-NU Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results

Similar Description - LAN91C111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com