Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3212ELHLT-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3212ELHLT-T
Description  Micropower, Ultra-sensitive Hall-effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3212ELHLT-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3212ELHLT-T Datasheet HTML 2Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micropower, Ultrasensitive
Hall-Effect Switches
A3211 and
A3212
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TYPICAL OPERATING CHARACTERISTICS
SUPPLY CURRENT
SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-027-3
0
20
40
-20
-40
VDD = 2.75 V
150
60
-60
-25
25
75
125
BOPS
BRPS
BRPN
BOPN
60
20
0
-20
-40
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE IN VOLTS
2.4
Dwg. GH-057-2
2.6
BOPS
-60
40
BRPS
BRPN
BOPN
TA = 25
°C
025
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-028-11
125
-25
7.0
6.0
5.0
3.0
VDD =3.5 V
150
VDD =2.75 V
VDD =2.5 V
4.0
7.0
6.0
5.0
4.0
3.0
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE IN VOLTS
2.4
Dwg. GH-058-7
2.6
TA = 25
°C


Similar Part No. - A3212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3212ELHLT-T ALLEGRO-A3212ELHLT-T Datasheet
384Kb / 13P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH
More results

Similar Description - A3212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com