Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1150IS Datasheet(PDF) 1 Page - International Rectifier

Part # IR1150IS
Description  UPFC ONE CYCLE CONTROL PFC IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150IS Datasheet(HTML) 1 Page - International Rectifier

  IR1150IS Datasheet HTML 1Page - International Rectifier IR1150IS Datasheet HTML 2Page - International Rectifier IR1150IS Datasheet HTML 3Page - International Rectifier IR1150IS Datasheet HTML 4Page - International Rectifier IR1150IS Datasheet HTML 5Page - International Rectifier IR1150IS Datasheet HTML 6Page - International Rectifier IR1150IS Datasheet HTML 7Page - International Rectifier IR1150IS Datasheet HTML 8Page - International Rectifier IR1150IS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• PFC with IR proprietary “One Cycle Control”
• Continuous conduction mode (CCM) boost type PFC
• No line voltage sense required
• Programmable switching frequency (50kHz-200kHz)
• Programmable output overvoltage protection
• Brownout and output undervoltage protection
• Cycle-by-cycle peak current limit
• Soft start
• User initiated micropower “Sleep Mode”
µµµµµPFC ONE CYCLE CONTROL PFC IC
IR1150S(PbF)
IR1150IS(PbF)
www.irf.com
1
IR1150 Application Diagram
Data Sheet No. PD60230 revAa
Description
The
µPFC IR1150 is a power factor correction (PFC) control IC designed to operate in continuous
conduction mode (CCM) over a wide range input line voltages. The IR1150 is based on IR's
proprietary "One Cycle Control" (OCC) technique providing a cost effective solution for PFC.
The proprietary control method allows major reductions in component count, PCB area and
design time while delivering the same high system performance as traditional solutions.
The IC is fully protected and eliminates the often noise sensitive line voltage sensing requirements
of existing solutions.
The IR1150 features include programmable switching frequency, programmable dedicated
over voltage protection, soft start, cycle-by-cycle peak current limit, brownout, open loop,
UVLO and micropower startup current.
In addition, for low standby power requirements (Energy Star, 1W Standby, Blue Angel, etc.), the IC can be driven into sleep
mode with total current consumption below 200µA, by pulling the OVP pin below 0.62V.
Package
8-Lead SOIC
• Open loop protection
• Maximum duty cycle limit of 98%
• User programmable fixed frequency operation
• Min. off time of 150-350ns over freq range
• VCC under voltage lockout
• Internally clamped 13V gate drive
• Fast 1.5A peak gate drive
• Micropower startup (<200 µA)
• Latch immunity and ESD protection
• Parts also available Lead-Free
ISNS
3
COMP
5
VFB
6
OVP
4
FREQ
2
VCC
7
GATE
8
COM
1
IR1150
BRIDGE
V OUT
RTN
+
AC NEUTRAL
AC LINE
Vc c
+


Similar Part No. - IR1150IS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150IS IRF-IR1150IS Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150ISTR IRF-IR1150ISTR Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150ISTRPBF IRF-IR1150ISTRPBF Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1150IS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S_15 Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
IR1155S IRF-IR1155S Datasheet
394Kb / 21P
   PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
   PFC Converter Design with IR1150 One Cycle Control IC
IR1152S IRF-IR1152S Datasheet
298Kb / 20P
   FIXED 66kHz FREQUENCY, 關PFC ONE CYCLE CONTROL PFC IC WITH BROWN-OUT PROTECTION
IRAC1152-350W IRF-IRAC1152-350W Datasheet
965Kb / 24P
   PFC IC with IR proprietary ?쏰ne Cycle Control
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com