Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1020 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 66Page - Texas Instruments CC1020 Datasheet HTML 67Page - Texas Instruments CC1020 Datasheet HTML 68Page - Texas Instruments CC1020 Datasheet HTML 69Page - Texas Instruments CC1020 Datasheet HTML 70Page - Texas Instruments CC1020 Datasheet HTML 71Page - Texas Instruments CC1020 Datasheet HTML 72Page - Texas Instruments CC1020 Datasheet HTML 73Page - Texas Instruments CC1020 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
CC1020
SWRS046
Page 70 of 92
CLOCK_A Register (07h)
REGISTER
NAME
Default
value
Active
Description
CLOCK_A[7:5]
REF_DIV_A[2:0]
2
-
Reference frequency divisor (A):
0: Not supported
1: REF_CLK frequency = Crystal frequency / 2
7: REF_CLK frequency = Crystal frequency / 8
It is recommended to use the highest possible reference
clock frequency that allows the desired Baud rate.
CLOCK_A[4:2]
MCLK_DIV1_A[2:0]
4
-
Modem clock divider 1 (A):
0: Divide by 2.5
1: Divide by 3
2: Divide by 4
3: Divide by 7.5 (2.5·3)
4: Divide by 12.5 (2.5·5)
5: Divide by 40 (2.5·16)
6: Divide by 48 (3·16)
7: Divide by 64 (4·16)
CLOCK_A[1:0]
MCLK_DIV2_A[1:0]
0
-
Modem clock divider 2 (A):
0: Divide by 1
1: Divide by 2
2: Divide by 4
3: Divide by 8
MODEM_CLK frequency is FREF frequency divided by
the product of divider 1 and divider 2.
Baud rate is MODEM_CLK frequency divided by 8.
FREQ_2B Register (08h)
REGISTER
NAME
Default
value
Active
Description
FREQ_2B[7:0]
FREQ_B[22:15]
131
-
8 MSB of frequency control word B
FREQ_1B Register (09h)
REGISTER
NAME
Default
value
Active
Description
FREQ_1B[7:0]
FREQ_B[14:7]
189
-
Bit 15 to 8 of frequency control word B
FREQ_0B Register (0Ah)
REGISTER
NAME
Default
value
Active
Description
FREQ_0B[7:1]
FREQ_B[6:0]
124
-
7 LSB of frequency control word B
FREQ_0B[0]
DITHER_B
1
H
Enable dithering for frequency B


Similar Part No. - CC1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com