Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC87C52-25IKR Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # TSC87C52-25IKR
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-25IKR Datasheet(HTML) 1 Page - TEMIC Semiconductors

  TSC87C52-25IKR Datasheet HTML 1Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-25IKR Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TSC87C52
1
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
CMOS 0 to 33 MHz Programmable 8–bit Microcontroller
Description
TEMIC’s TSC87C52 is high performance CMOS
EPROM version of the 80C52 CMOS single chip 8 bit
microcontroller.
The fully static design of the TSC87C52 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The TSC87C52 retains all the features of the 80C52 with
some enhancement: 8 K bytes of internal code memory
(EPROM); 256 bytes of internal data memory (RAM);
32 I/O lines; three 16 bit timers one with count–down
and clock–out capability; a 6-source, 2-level interrupt
structure; a full duplex serial port with framing error
detection; a power off flag; and an on-chip oscillator.
The TSC87C52 has 2 software-selectable modes of
reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM, the timers, the serial port and the interrupt
system continue to function. In the power down mode
the RAM is saved and all other functions are inoperative.
The TSC87C52 is manufactured using non volatile
SCMOS process which allows it to run up to:
D 33 MHz with VCC = 5 V ± 10%.
D 16 MHz with 2.7 V < VCC < 5.5 V.
Features
D 8 Kbytes of EPROM
G Improved Quick Pulse programming algorithm
G Secret ROM by encryption
D 256 bytes of RAM
D 64 Kbytes program memory space
D 64 Kbytes data memory space
D 32 programmable I/O lines
D Three 16 bit timer/counters including enhanced
timer 2
D Programmable serial port with framing error
detection
D Power control modes
D Two–level interrupt priority
D Fully static design
D 0.8µ SCMOS non volatile process
D ONCE Mode
D Enhanced Hooks system for emulation purpose
D Available temperature ranges:
G commercial
G industrial
D Available packages:
G PDIP40 (OTP)
G PLCC44 (OTP)
G PQFP44 (OTP)
G CQPJ44 (UV erasable)
G CERDIP40 (UV erasable)


Similar Part No. - TSC87C52-25IKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-25IKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com