Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL252 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSL252
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL252 Datasheet(HTML) 5 Page - Texas Instruments

  TSL252 Datasheet HTML 1Page - Texas Instruments TSL252 Datasheet HTML 2Page - Texas Instruments TSL252 Datasheet HTML 3Page - Texas Instruments TSL252 Datasheet HTML 4Page - Texas Instruments TSL252 Datasheet HTML 5Page - Texas Instruments TSL252 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSL250, TSL251, TSL252
LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES004C – AUGUST 1991 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The photodiode/amplifier chip is packaged in a clear plastic three-leaded package. The integrated photodiode active
area is typically 1,0 mm2 (0.0016 in2) for TSL250, 0,5 mm2 (0.00078 in2) for the TSL251, and 0,26 mm2 (0.0004 in2)
for the TSL252.
2,25 (0.089)
1,75 (0.069)
0,75 (0.030)
0,65 (0.026)
0,635 (0.025)
0,4 (0.016)
2,0 (0.079) T.P.†
4,0 (0.157) T.P.†
1
2
3
15,7 (0.619)
13,2 (0.520)
0,86 (0.034)
0,46 (0.018)
2,05 (0.081)
1,55 (0.061)
3,05 (0.120)
2,55 (0.100)
4,8 (0.189)
4,4 (0.173)
0,75 (0.030) R
0,85 (0.033)
0,35 (0.014)
2,74 (0.108)
2,34 (0.092)
5,05 (0.199)
4,55 (0.179)
4,85 (0.191)
4,35 (0.171)
4,35 (0.171)
3,85 (0.152)
Pin 1
GND
Pin 2
VDD
Pin 3
OUT
1
2
3
0,51 (0.02)
0,385 (0.015)
1,25 (0.049)
0,75 (0.029)
1,75 (0.069)
1,25 (0.049)
0,65 (0.026)
0,55 (0.022)
† True position when unit is installed.
NOTES: A. All linear dimensions are in millimeters (inches).
B. This drawing is subject to change without notice.
Figure 7. Mechanical Data


Similar Part No. - TSL252

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
OSRAM GmbH
TSL2520 OSRAM-TSL2520 Datasheet
1Mb / 69P
   Highly Sensitive Ambient Light Sensor
v3-00 2022-Dec-20
TSL25203 OSRAM-TSL25203 Datasheet
1Mb / 69P
   Highly Sensitive Ambient Light Sensor
v3-00 2022-Dec-20
TSL25203M OSRAM-TSL25203M Datasheet
1Mb / 69P
   Highly Sensitive Ambient Light Sensor
v3-00 2022-Dec-20
TSL2521 OSRAM-TSL2521 Datasheet
1Mb / 81P
   Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
v3-00 2022-Dec-21
More results

Similar Description - TSL252

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
   LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
[Old version datasheet]   IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
logo
List of Unclassifed Man...
TSL262R ETC1-TSL262R Datasheet
91Kb / 8P
   INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com