Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM1414-4F Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLM1414-4F
Description  Internally Matched Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM1414-4F Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLM1414-4F Datasheet HTML 1Page - Eudyna Devices Inc FLM1414-4F Datasheet HTML 2Page - Eudyna Devices Inc FLM1414-4F Datasheet HTML 3Page - Eudyna Devices Inc FLM1414-4F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FLM1414-4F
Internally Matched Power GaAs FET
S-PARAMETERS
VDS = 10V, IDS = 1100mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
13800
.479
-159.9
1.883
-51.6
.080
-54.0
.459
156.7
13900
.436
-178.2
1.921
-70.6
.084
-73.1
.454
134.3
14000
.388
162.3
1.955
-90.8
.093
-94.2
.438
112.7
14100
.334
141.1
1.990
-110.4
.098
-115.0
.430
92.1
14200
.278
117.4
2.017
-131.2
.100
-135.6
.413
68.9
14300
.209
88.3
2.032
-151.9
.110
-157.1
.381
48.0
14400
.162
47.6
2.050
-172.9
.113
-177.9
.353
24.8
14500
.150
-8.2
2.016
165.3
.114
160.0
.307
0.4
14600
.194
-55.1
1.966
143.4
.116
138.4
.256
-24.4
14700
.264
-89.3
1.882
121.0
.115
117.5
.216
-55.4
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
SCALE FOR |S21|
250
13.8 GHz
13.8 GHz
14.7
14.5
14.5
14.2
14.2
14.0
14.0
14.7
14.7
14.5
14.5
14.4
14.4
14.2
14.2
14.0
14.0
10
25
1
2
3
4
0.2
0.1
13.8 GHz
13.8 GHz
14.7
14.7
14.5
14.5
14.4
14.4
14.2
14.2
14.0
14.0
13.8 GHz
13.8 GHz


Similar Part No. - FLM1414-4F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-15F EUDYNA-FLM1414-15F Datasheet
221Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1414-3F EUDYNA-FLM1414-3F Datasheet
296Kb / 4P
   Internally Matched Power GaAs FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-8F EUDYNA-FLM1414-8F Datasheet
295Kb / 4P
   Internally Matched Power GaAs FET
More results

Similar Description - FLM1414-4F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1414-8F EUDYNA-FLM1414-8F Datasheet
295Kb / 4P
   Internally Matched Power GaAs FET
FLM1414-3F EUDYNA-FLM1414-3F Datasheet
296Kb / 4P
   Internally Matched Power GaAs FET
FLM1415-3F EUDYNA-FLM1415-3F Datasheet
274Kb / 4P
   Internally Matched Power GaAs FET
FLM1415-6F EUDYNA-FLM1415-6F Datasheet
297Kb / 4P
   Internally Matched Power GaAs FET
logo
Mitsubishi Electric Sem...
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
MGFC42V7177 MITSUBISHI-MGFC42V7177 Datasheet
105Kb / 2P
   C band Internally Matched Power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472_11 Datasheet
115Kb / 3P
   C band internally matched power GaAs FET
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com