Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAK-I Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. PAK-I
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-I Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PAK-I Datasheet HTML 6Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 7Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 10Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 11Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 12Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 13Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
pin low and then returning it to high to enable the
Pak I. This is useful if you are connecting more
than one Pak to the same data and clock lines.
You'll need to use the enable pin then anyway, and
it makes sure that the selected Pak is always in a
known state. Using the data sequence method may
be unreliable when using multiple Paks together.
Finally, you can force a hardware reset by bringing
the reset pin low. Holding the clock pin high for
more than 2400mS will also force a reset. This
might be useful if your circuit generates a
hardware reset signal based on a brown-out
detector or other master reset circuit. Normally,
you'll just connect the reset pin to the +5V supply
and allow the Pak I to reset itself on power up. If
you do want to drive this pin, make sure that it is
at 5V for normal operation. You can use a reset
switch or other device if you pull up the reset pin
with a 10K-22K resistor.
Communications
There are several schemes you can use to
communicate with the Pak I. All of them revolve
around a synchronous protocol involving a clock
pin and 1 or 2 data pins. Data is shifted most
significant bit first, and samples at the rising edge
of the clock. All signals are positive logic (that is,
a 1 is a high logic level). The Pak I exposes a
separate input (SIN) and output (SOUT) pins for
hosts that can't easily handle bi-directional I/O
lines. However, for hosts like the Stamp or PIC, it
is a simple matter to tie these lines together since


Similar Part No. - PAK-I

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
More results

Similar Description - PAK-I

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
Bel Fuse Inc.
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
TRIAD MAGNETICS
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
Varitronix international limited
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
List of Unclassifed Manufacturers
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
WILLAS ELECTRONIC CORP
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
Visual Communications Company
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
Adels-Contact
Adels-Contact
162253 ADELS-162253 Datasheet
124Kb / 3P
   AC 166 GSTF/310 white
12/11/2019
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz