Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAK-I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PAK-I
Description  310 Ivy Glen Court
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PAK-I Datasheet HTML 7Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 8Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 9Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 10Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 11Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 12Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 13Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 14Page - List of Unclassifed Manufacturers PAK-I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SOUT is open collector.
Therefore, the minimum number of lines you need
are two. An output for the clock and an I/O line to
connect to SIN and SOUT. You'll connect the
Enable/Busy pin to +5V and use a pull up resistor
to 5V on the Busy/Mode pin. This allows you to
reset the device and communicate with it. The only
problem is, you will have to make sure not to ask
the device for data while it is processing. Most
operations are quite fast, but some operations
(calculating digits and division, for example) can
take as much as 400uS with the provided
components.
For some applications, this isn't a problem. For
example, a standard Basic Stamp II can't operate
fast enough for this to be a problem except for
division and digit calculations. However, you may
want to know when the device is ready to process.
There are two ways you can accomplish this.
If you need to disable and enable the device, you'll
want to drive the Enable/Busy pin. Using this pin
allows you to share the SIN, SOUT, and CLK
lines with other devices that use a similar protocol.
So to connect 5 Paks you'd only need 7 I/O lines (5
enables, 1 SIN/SOUT, and 1 CLK line). You drive
the Enable/Busy pin low to disable the device. If
you don't plan to use this capability, just pull the
pin high with a pull up resistor. If you are using
the Busy/Mode input (see below) you can still use
a pull up resistor, or just tie the Enable/Busy pin


Similar Part No. - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
PAK-III ETC1-PAK-III Datasheet
122Kb / 14P
   Using the PAK-III I/O Coprocessor
PAK-IV ETC1-PAK-IV Datasheet
123Kb / 14P
   Using the PAK-IV I/O Coprocessor
More results

Similar Description - PAK-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
   310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
   310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
   310 Ivy Glen Court
logo
Bel Fuse Inc.
SS-7388H66S-PG3-AD BEL-SS-7388H66S-PG3-AD Datasheet
222Kb / 2P
   R.D. 2, BOX 2020 GLEN ROCK, PENNSYLVANIA 17327
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
   VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
   VIM-310
logo
List of Unclassifed Man...
OSD070TN84 ETC2-OSD070TN84 Datasheet
979Kb / 27P
   310 Genius Drive
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
   310 mAmps, 60 Volts
logo
List of Unclassifed Man...
EASYBOARD-882E ETC2-EASYBOARD-882E Datasheet
1Mb / 2P
   Wide-Range Temperature 3.5" Intel짰 Ivy Bridge i7-3517UE Compact Board
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com