Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX610CPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX610CPA
Description  AC-to-DC Regulator(110/220VAC to 5.0VDC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX610CPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX610CPA Datasheet HTML 4Page - Maxim Integrated Products MAX610CPA Datasheet HTML 5Page - Maxim Integrated Products MAX610CPA Datasheet HTML 6Page - Maxim Integrated Products MAX610CPA Datasheet HTML 7Page - Maxim Integrated Products MAX610CPA Datasheet HTML 8Page - Maxim Integrated Products MAX610CPA Datasheet HTML 9Page - Maxim Integrated Products MAX610CPA Datasheet HTML 10Page - Maxim Integrated Products MAX610CPA Datasheet HTML 11Page - Maxim Integrated Products MAX610CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AC-to-DC Regulator
(110/220VAC to 5.0VDC)
______________________________________________________________________________________
11
________________________________________________________Package Information
DIM
A
A1
A2
A3
B
B1
C
D1
E
E1
e
eA
eB
L
MIN
0.015
0.125
0.055
0.016
0.045
0.008
0.005
0.300
0.240
0.100
0.300
0.115
MAX
0.200
0.175
0.080
0.022
0.065
0.012
0.080
0.325
0.310
0.400
0.150
MIN
0.38
3.18
1.40
0.41
1.14
0.20
0.13
7.62
6.10
2.54
7.62
2.92
MAX
5.08
4.45
2.03
0.56
1.65
0.30
2.03
8.26
7.87
10.16
3.81
INCHES
MILLIMETERS
Plastic DIP
PLASTIC
DUAL-IN-LINE
PACKAGE
(0.300 in.)
DIM
D
D
D
D
D
D
PKG.
P
P
P
P
P
N
MIN
0.348
0.735
0.745
0.885
1.015
1.14
MAX
0.390
0.765
0.765
0.915
1.045
1.265
MIN
8.84
18.67
18.92
22.48
25.78
28.96
MAX
9.91
19.43
19.43
23.24
26.54
32.13
INCHES
MILLIMETERS
PINS
8
14
16
18
20
24
C
A
A2
E1
D
E
eA
eB
A3
B1
B
0° - 15°
A1
L
D1
e
21-0043A


Similar Part No. - MAX610CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6100EUR MAXIM-MAX6100EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6100EUR-T MAXIM-MAX6100EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101 MAXIM-MAX6101 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX610CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX601 MAXIM-MAX601 Datasheet
345Kb / 4P
   AC To DC Regulator
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
Vicor Corporation
PRM48DH480B03 VICOR-PRM48DH480B03 Datasheet
713Kb / 22P
   DC to DC Regulator
logo
ETA-USA
WRDJ-00X ETA-USA-WRDJ-00X Datasheet
1Mb / 4P
   110 WATT AC-DC CONVERTER
logo
TDK Electronics
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
   TDK DC to DC Converters, DC to AC inverters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
   TDK DC to DC Converters, DC to AC Inverters
logo
ETA-USA
WRDQ-00X ETA-USA-WRDQ-00X Datasheet
1Mb / 5P
   110 WATT AC-DC CONVERTER
logo
Micrel Semiconductor
MIC261203ZA MICREL-MIC261203ZA_14 Datasheet
1Mb / 29P
   Synchronous DC-to-DC Buck Regulator
logo
TRACO Electronic AG
TXLN110 TRACOPOWER-TXLN110 Datasheet
990Kb / 4P
   AC/DC Power Supply TXLN 110 Series, 110 Watt
Rev. March 16, 2023
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
   EL6-RS Series AC Servo Drives – 220VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com