Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX333A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX333A
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX333A Datasheet HTML 1Page - Maxim Integrated Products MAX333A Datasheet HTML 2Page - Maxim Integrated Products MAX333A Datasheet HTML 3Page - Maxim Integrated Products MAX333A Datasheet HTML 4Page - Maxim Integrated Products MAX333A Datasheet HTML 5Page - Maxim Integrated Products MAX333A Datasheet HTML 6Page - Maxim Integrated Products MAX333A Datasheet HTML 7Page - Maxim Integrated Products MAX333A Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
__________Applications Information
Operation with Supply Voltages
Other than ±15Vo
The main limitation of supply voltages other than ±15V is
a reduction in the analog signal range. The MAX333A
operates with ±5V to ±20V bipolar supplies. The
Typical Operating Characteristics and graphs show typ-
ical on resistance for ±15V, ±10V, ±5 supplies.
Switching times increase by a factor of two or more for
±5V operation. The MAX333A can operate from +10V
to +24V unipolar supplies. It can be powered from a
single +10V to +24V supply, as well as from unbalanced
supplies such as +24V and -5V. Connect V- to 0V when
operating with a single supply.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. It is important not to exceed the
absolute maximum ratings because stresses beyond
the listed ratings may cause permanent damage to the
devices. Always sequence V+ on first, followed by VL,
V-, and logic inputs. If power-supply sequencing is not
possible, add two small signal diodes in series with the
supply pins (Figure 1). Adding the diodes reduces the
analog signal range to 1V below V+ and 1V below V-,
but low switch resistance and low leakage characteris-
tics are unaffected.
Precision, Quad, SPDT, CMOS Analog Switch
_______________________________________________________________________________________
5
PIN
FUNCTION
15
Not Internally Connected
6
Ground
5
Negative Power Supply
4, 7, 14, 17
Normally Closed Switches
16
Positive Power Supply
1, 10, 11, 20
Logic-Level Inputs
2, 9, 12, 19
Normally Open Switches
3, 8, 13, 18
Common Switch Poles
NAME
N.C.
GND
V-
NC1-NC4
V+
IN1-IN4
NO1-NO4
COM1-COM4
_____________________Pin Description
tR < 20ns
tF < 20ns
50%
0V
+10V
LOGIC
INPUT
V-
-15V
300
COM_
GND
(REPEAT TEST FOR IN2, IN3, AND IN4.)
VIN
+10V
IN_
NO_
50%
tOPEN
50%
50%
50%
50%
3V
tOPEN
tON
tOFF
tON
tOFF
0V
-10V
VCOM
+15V
V+
NC_
-10V
SWITCH OUTPUT
Figure 2. Switching-Time Test Circuit
Vg
NO_
( OR NC_)
V+
COM_
V-
Figure 1. Overvoltage Protection Using Blocking Diodes
______________________________________________Test Circuits/Timing Diagrams


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI5A100 Precision Wide-Bandwidth Quad SPDT Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
DG333A Precision Quad SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
MAX394 Low-Voltage Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
MAX333 Quad SPDT CMOS Analog Switch 1  2  3  4  Maxim Integrated Products
PS394 Precision Quad SPDT 17V Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
CWB2269 CMOS/DMOS Wideband Dual SPDT Analog Switch 1  2  3  4  Calogic, LLC
IH5053 Quad CMOS Analog Switch 1  2  3  4  5  Intersil Corporation
IH5151 Dual SPDT CMOS Analog Switch 1  2  3  4  5  More Intersil Corporation
DG201 CMOS Quad SPST Analog Switch 1  2  3  4  5  More Intersil Corporation
HI-201 Quad SPST CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn