Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD5F20NP-E20 Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLD5F20NP-E20
Description  1,550nm Modulator Integrated DFB Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20NP-E20 Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLD5F20NP-E20 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20NP-E20 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20NP-E20 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20NP-E20 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20NP-E20 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20NP-E20 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FLD5F20NP-E
Parameter
Symbol
OPTICAL & ELECTRICAL CHARACTERISTICS (TL= Tset, Tc = 25°C, BOL, unless otherwise specified)
Note (1) Eudyna Test System
9.95328Gb/s, PRBS=2
23-1, IF=Iop, Vm=Vo and (Vo-Vmod)
Dispersion=1600ps/nm, Dispersion penalty at
Bit Error Rate = 1.0E-10
Note (2) Eudyna Test System
9.95328Gb/s, PRBS=2
23
-1, IF=Iop, Vm=Vo and (Vo-Vmod)
Note (3) Relation between resistance and temperature (
°K) is: Rth (T) = Rth (25°C)*exp[B(1/T-1/298)]
Note (4) Reference Table 1 for Wavelength Table
Unit
Limits
Max.
Type
Min.
Test Condition
Dispersion Penalty
dP
dB
2
--
Sidemode Suppression Ratio
SSR
dB
-
35
-
Note (2)
Wavelength Drift
-nm
0.1
-0.1
-
after 20 years
Peak Wavelength
λp
nm
Note (4)
Fall Time
Tf
ps
25
-20
Rise Time
Tr
ps
25
-20
IF=Iop,Vm=Vo, 20 to 80%
RF Return Loss
S11
dB
8-
-
f=DC-5GHz, 50
Ω Test Set,
Vm=Vo, IF=Iop
RF Return Loss
S11
dB
5-
-
f=5-10GHz, 50
Ω Test Set,
Vm=Vo, IF=Iop
Cut-off Frequency
S21
GHz
10
-
-
-3dB bandwidth,
Vm=Vo-0.5|Vmod |, IF=Iop
Optical Output Power
(Avg. Power)
Pf
dBm
-
-2.0
-
-
Wavelength Stability with
Case Temperature
-pm/
°C
±1.0
--
Note (1)
Forward Voltage
VF
V
-
2.0
1.4
CW, IF=Iop
Optical Isolation
Is
dB
-
25
35
Tc=-20 to +70
°C
TEC Power Dissipation
PTEC
W
3.3
--
IF=Iop
TEC Capacity
∆T
°C
-
70-Tset
-
PTEC=3.3W, IF=Iop
TEC Current
ITEC
A
1.3
--
IF=Iop,
∆T=(70-Tset)[°C]
TEC Voltage
VTEC
V
2.5
--
IF=Iop,
∆T=(70-Tset)[°C]
Thermal Resistance
Rth
k
10.5
9.5
10.0
TL=25°C , Tc=+25°C
Thermistor B Constant (Note 3)
BK
3,630
3,270
3,450
In-Band Ripple
∆G
dB
-
±1.0
-
IF=Iop, f=0.1-10GHz,
Vm=Vo-0.5|Vmod |
Threshold Current
Ith
mA
-30
-
CW, Vm=Vo
On Level Modulation
Vo
V
-0.7
0
-
-
Modulator Drive Voltage
Vmod
V
-
2.6
-
(Vo-Vmod)
≥-3.3V, Rext=10dB
Relative Intensity Noise
RIN
dB/Hz
-
-120
-
f=10 MHz to 8.5 GHz,
Vm=Vo, IF=Iop, 8% Reflection
Operating Current
Iop
mA
40
100
-
Extinction Ratio
Rext
dB
-
-
10
IF=Iop, Vm=Vo (at On Level)
Vm=Vo-Vmod (at Off Level)
1,550nm Modulator
Integrated DFB Laser


Similar Part No. - FLD5F20NP-E20

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D20 EUDYNA-FLD5F20NP-D20 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20NP-E20

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD3F10NP-A EUDYNA-FLD3F10NP-A Datasheet
293Kb / 4P
   1,310nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com