Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD5F20NP-D21 Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FLD5F20NP-D21
Description  1,550nm Modulator Integrated DFB Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20NP-D21 Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FLD5F20NP-D21 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20NP-D21 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20NP-D21 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20NP-D21 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20NP-D21 Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20NP-D21 Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FLD5F20NP-D
FLD5F20NP-D60
1529.55
196.00
±0.1
FLD5F20NP-D59
1530.33
195.90
±0.1
FLD5F20NP-D58
1531.12
195.80
±0.1
FLD5F20NP-D57
1531.90
195.70
±0.1
FLD5F20NP-D56
1532.68
195.60
±0.1
FLD5F20NP-D55
1533.47
195.50
±0.1
FLD5F20NP-D54
1534.25
195.40
±0.1
FLD5F20NP-D53
1535.04
195.30
±0.1
FLD5F20NP-D52
1535.82
195.20
±0.1
FLD5F20NP-D51
1536.61
195.10
±0.1
FLD5F20NP-D50
1537.40
195.00
±0.1
FLD5F20NP-D49
1538.19
194.90
±0.1
FLD5F20NP-D48
1538.98
194.80
±0.1
FLD5F20NP-D47
1539.77
194.70
±0.1
FLD5F20NP-D46
1540.56
194.60
±0.1
FLD5F20NP-D45
1541.35
194.50
±0.1
FLD5F20NP-D44
1542.14
194.40
±0.1
FLD5F20NP-D43
1542.94
194.30
±0.1
FLD5F20NP-D42
1543.73
194.20
±0.1
FLD5F20NP-D41
1544.53
194.10
±0.1
FLD5F20NP-D40
1545.32
194.00
±0.1
FLD5F20NP-D39
1546.12
193.90
±0.1
FLD5F20NP-D38
1546.92
193.80
±0.1
FLD5F20NP-D37
1547.72
193.70
±0.1
FLD5F20NP-D36
1548.51
193.60
±0.1
FLD5F20NP-D35
1549.32
193.50
±0.1
FLD5F20NP-D34
1550.12
193.40
±0.1
FLD5F20NP-D33
1550.92
193.30
±0.1
FLD5F20NP-D32
1551.72
193.20
±0.1
FLD5F20NP-D31
1552.52
193.10
±0.1
FLD5F20NP-D30
1553.33
193.00
±0.1
FLD5F20NP-D29
1554.13
192.90
±0.1
FLD5F20NP-D28
1554.94
192.80
±0.1
FLD5F20NP-D27
1555.75
192.70
±0.1
FLD5F20NP-D26
1556.56
192.60
±0.1
FLD5F20NP-D25
1557.36
192.50
±0.1
FLD5F20NP-D24
1558.17
192.40
±0.1
FLD5F20NP-D23
1558.98
192.30
±0.1
FLD5F20NP-D22
1559.79
192.20
±0.1
FLD5F20NP-D21
1560.61
192.10
±0.1
FLD5F20NP-D20
1561.42
192.00
±0.1
FLD5F20NP-D19
1562.23
191.90
±0.1
FLD5F20NP-D18
1563.05
191.80
±0.1
Figure 7 Wavelength Table
Part Number
Wavelength (nm)
(TL=Tset)
(in vacuum)
Frequency
(THz)
Tolerance (nm)
1,550nm Modulator
Integrated DFB Laser


Similar Part No. - FLD5F20NP-D21

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E18 EUDYNA-FLD5F20NP-E18 Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E19 EUDYNA-FLD5F20NP-E19 Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E20 EUDYNA-FLD5F20NP-E20 Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20NP-D21

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD3F10NP-A EUDYNA-FLD3F10NP-A Datasheet
293Kb / 4P
   1,310nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com