Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PNA1401LF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. PNA1401LF
Description  Silicon NPN Phototransistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

PNA1401LF Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
Flat window design which is suited to optical systems
Low dark current : ICEO = 5 nA (typ.)
Fast response : tr, tf = 3 µs (typ.)
Wide directional sensitivity
Base pin for easy circuit design (PNZ102F)
Phototransistors
PNA1401LF, PNZ102F
Silicon NPN Phototransistors
For optical control systems
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
30
V
Collector to base voltage
VCBO*
40
V
Emitter to collector voltage
VECO
5V
Emitter to base voltage
VEBO*
5V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
* PNZ102F only
1: Emitter
2: Collector
Unit : mm
ø4.6
±0.15
Glass window
2.54
±0.25
ø5.75 max.
2-ø0.45
±0.05
1
2
PNA1401LF
1: Emitter
2: Base
3: Collector
Unit : mm
ø4.6
±0.15
Glass window
2.54
±0.25
ø5.75 max.
3-ø0.45
±0.05
1
3
2
PNZ102F


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST-1MLAPhoto transistors high-sensitivity NPN silicon phototransistors mounted 1 2 KODENSHI KOREA CORP.
ST-1MLAR2Photo transistors high-sensitivity NPN silicon phototransistors mounted 1 2 KODENSHI KOREA CORP.
OP593NPN PLASTIC SILICON PHOTOTRANSISTORS 1 2 3 4 OPTEK Technologies
PNZ107FSilicon NPN Phototransistors 1 2 3 Panasonic Semiconductor
OP600NPN SILICON PHOTOTRANSISTORS 1 2 OPTEK Technologies
PNZ107Silicon NPN Phototransistors 1 2 3 4 Panasonic Semiconductor
OP505DInfrared Selected NPN Silicon Phototransistors 1 2 OPTEK Technologies
OP506ANPN SILICON PHOTOTRANSISTORS 1 2 OPTEK Technologies
OP555NPN SILICON PHOTOTRANSISTORS 1 2 OPTEK Technologies
OP800ANPN SILICON PHOTOTRANSISTORS 1 2 OPTEK Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn