Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLD5F15CX-H9270 Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FLD5F15CX-H9270
Description  1,550nm Continuous Wave DFB Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F15CX-H9270 Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FLD5F15CX-H9270 Datasheet HTML 1Page - Eudyna Devices Inc FLD5F15CX-H9270 Datasheet HTML 2Page - Eudyna Devices Inc FLD5F15CX-H9270 Datasheet HTML 3Page - Eudyna Devices Inc FLD5F15CX-H9270 Datasheet HTML 4Page - Eudyna Devices Inc FLD5F15CX-H9270 Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
FLD5F15CX-H
PIN 7
20.83
±0.25
22.0
±0.25
26.04
±0.25
PIN 8
4-Ø2.67
PIN 1
29.97
±0.25
25.0
±0.5
PIN 14
14-0.5
5.4
±0.5
15.24
±0.25
17.24
±0.25
2.54
*L
1.
Thermistor
2.
Thermistor
3.
Laser DC Bias (-)
4.
Monitor (Anode)
5.
Monitor (Cathode)
6.
Thermoelectric Cooler (+)
7.
Thermoelectric Cooler (-)
8.
N.C.
9.
N.C.
10.
N.C.
11.
LD Anode
12.
LD Cathode
13.
LD Anode
14.
N.C.
PIN #
FUNCTION
Floating Type
* Pigtail length (L) and connector
type are specified in the detail
(individual) specification.
4.15
±0.25
5.47
±0.2
1.70
0.5
8.17
±0.25
1.70
±0.15
0.5
±0.2
5.41
±0.25
14-0.1
±0.05
CONNECTOR
8
9
10
11
12
13
14
1
2
3
4
5
6
7
TEC
“CX” PACKAGE
UNIT: mm
1,550nm Continuous
Wave DFB Laser
Eudyna Devices Inc. products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not put this product into the mouth.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.
For further information please contact:
Eudyna Devices USA Inc.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
TEL: (408) 232-9500
FAX: (408) 428-9111
www.us.eudyna.com
Eudyna Devices Europe Ltd.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
United Kingdom
TEL: +44 (0) 1628 504800
FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd.
Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd.
Tsim Sha Tsui, Kowloon, Hong Kong
TEL: +852-2377-0227
FAX: +852-2377-3921
Eudyna Devices Inc.
Sales Division
1, Kanai-cho, Sakae-ku
Yokohama, 244-0845, Japan
TEL: +81-45-853-8156
FAX: +81-45-853-8170
Eudyna Devices Inc. reserves the right to change products and specifications
without notice. The information does not convey any license under rights of
Eudyna Devices Inc. or others.
© 2004 Eudyna Devices USA Inc.
Printed in U.S.A.


Similar Part No. - FLD5F15CX-H9270

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-L8640 EUDYNA-FLD5F15CX-L8640 Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
More results

Similar Description - FLD5F15CX-H9270

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Analog Devices
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com