Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLL21E090IY Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FLL21E090IY
Description  L,S-band High Power GaAs FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL21E090IY Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FLL21E090IY Datasheet HTML 1Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 2Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 3Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 4Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 5Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 6Page - Eudyna Devices Inc FLL21E090IY Datasheet HTML 7Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FLL21E090IY
L,S-band High Power GaAs FET
■S-Parameters @VDS=28V, IDS=750mA, f=1.0 to 3.0 GHz
[GHz]
M AG
ANG
M AG
ANG
MAG
ANG
M AG
ANG
1.00 0.9634 -172.52
0.185 21.926 0.0011 91.071 0.9638 -171.69
1.10 0.9567 -171.64 0.1738 22.708 0.0012 105.34 0.9571 -171.44
1.20 0.9592 -170.81 0.1796 23.891 0.0014
106.3 0.9589 -170.97
1.30 0.9583 -170.19 0.1856 22.494 0.0016 119.39 0.9571 -170.73
1.40 0.9524 -169.69 0.2063 23.295 0.0016 112.69 0.9566 -170.11
1.50 0.9571 -168.96 0.2399 20.502 0.0026 122.64 0.9558 -169.73
1.60 0.9465 -168.85 0.3019 19.887 0.0031 127.43 0.9539 -169.55
1.70 0.9396 -168.87 0.4171 9.7863 0.0039 122.24 0.9461 -169.47
1.80
0.918 -169.14 0.5432 -0.3251
0.004 113.26 0.9385 -169.79
1.90 0.8744 -169.91 0.8481 -13.596 0.0056 111.46 0.9276 -170.16
2.00 0.7691 -169.68 1.4267 -39.755 0.0064 73.076 0.9273 -171.5
2.10 0.6787 -155.22 2.3705 -86.126 0.0054 15.023 0.9018 -177.51
2.11 0.6782 -153.28 2.4453 -92.117 0.0049 4.6718 0.8894 -178.55
2.12 0.6957 -151.96 2.5065 -98.556 0.0047 -10.341 0.8739 -179.66
2.13 0.7087 -150.22 2.5554 -104.83 0.0044 -21.605 0.8562
179.2
2.14 0.7284 -148.84 2.5928 -111.25 0.0038 -31.755 0.8371 178.16
2.15
0.749 -147.98 2.6012 -117.67 0.0035 -51.932 0.8094 177.06
2.16 0.7702 -147.49 2.6085 -124.11 0.0032 -66.043 0.7809 176.19
2.17
0.785 -146.95 2.5937 -130.41 0.0034 -81.24 0.7498 175.39
2.18 0.8009 -146.8 2.5666 -136.59 0.0032 -99.392 0.7194 174.76
2.19 0.8271 -146.95 2.5421 -142.62 0.0033 -115.92 0.6822 174.43
2.20
0.84 -146.99 2.5068 -148.63 0.0033 -139.05 0.6444 174.64
2.30 0.9158 -149.95
1.781 154.66 0.0048 129.47 0.4764 -147.42
2.40 0.9361 -151.12 0.9958 115.92 0.0035 97.983 0.7412 -138.53
2.50 0.9386 -151.16 0.5194 93.577 0.0019 94.352 0.8586 -142.64
2.60 0.9455 -150.74 0.3276 82.725 0.0013 88.626 0.9035 -145.25
2.70 0.9501 -150.74 0.1998 72.912
0.001 -156.21 0.9267 -147.06
2.80 0.9493 -149.64 0.1465 77.149 0.0019 -171.48 0.9347 -147.9
2.90 0.9576 -149.8 0.1235 67.632 0.0022 -161.33
0.947 -148.56
3.00 0.9579 -149.24 0.0903 65.358
0.004 -162.61
0.947 -148.91
S11
S22
+10j
+25j
+50j
+100j
+250j
-250j
-100j
-50j
-25j
-10j
2.0GHz
2.1
2.2
2.0GHz
2.1
2.2
50Ω
0
S21
S12
2.0 GHz
2.1
2.2
+90°
0.08
Scale for S 12
Scale for S 21
-90°
2.5
3.0
±180°
0.1


Similar Part No. - FLL21E090IY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
   High Voltage - High Power GaAs FET
More results

Similar Description - FLL21E090IY

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E045IY EUDYNA-FLL21E045IY Datasheet
306Kb / 6P
   L,S-band High Power GaAs FET
FLL21E060IY EUDYNA-FLL21E060IY Datasheet
310Kb / 6P
   L,S-band High Power GaAs FET
FLL21E135IX EUDYNA-FLL21E135IX Datasheet
299Kb / 7P
   L,S-band High Power GaAs FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
   L, S BAND POWER GaAs FET
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
   L,S BAND POWER GaAs FET?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com