Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON1110 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ON1110
Description  Photo Interrupter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON1110 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ON1110 Datasheet HTML 1Page - Panasonic Semiconductor ON1110 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transmissive Photosensors (Photo Interrupters)
ON1110
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
10
10 2
10 3
10 –2
1
VCE = 10V
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
0
20406080
100
– 40 – 20
0
20406080
100
– 40 – 20
IC — VCE
10 2
10
1
10 –1
Collector to emitter voltage
V
CE (V)
110
10 2
10 –2
10 –1
Ta = 25˚C
Ambient temperature
Ta (˚C )
IC — Ta
160
120
80
40
VCE = 10V
IF = 20mA
ICEO — Ta
10
10 –2
1
10 –3
10 –1
Ambient temperature
Ta (˚C )
10 –4
110
10 –1
tr — IC
10
1
Collector current
I
C (mA)
10 –1
10 –2
10 3
10 2
VCC = 10V
Ta = 25˚C
IC — d
100
60
40
20
80
Distance d (mm)
12
6
5
4
3
0
0
VCE = 10V
Ta = 25˚C
IF = 20mA
IF , IC — Ta
IF = 30mA
20mA
10mA
d
10%
90%
td
tr
tf
RL
VCC
V1
V2
V1
V2
Sig.
OUT
50
Sig.IN
VCE = 24V
10V
100
RL = 1kΩ
500
10mA
IF = 50mA
IF
IC
Criterion
0


Similar Part No. - ON1110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON1113 PANASONIC-ON1113 Datasheet
89Kb / 3P
   Transmissive Photosensors (Photo lnterrupters)
ON1114 PANASONIC-ON1114 Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
More results

Similar Description - ON1110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
   Photo Interrupter
KIT5002C KODENSHI-KIT5002C Datasheet
189Kb / 3P
   Photo Interrupter
KIT5038C KODENSHI-KIT5038C Datasheet
223Kb / 3P
   Photo Interrupter
KIT8002A KODENSHI-KIT8002A Datasheet
159Kb / 5P
   Photo Interrupter
KPI511 KODENSHI-KPI511 Datasheet
207Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com