Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FID3S1KX Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FID3S1KX
Description  Analog PIN Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FID3S1KX Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FID3S1KX Datasheet HTML 1Page - Eudyna Devices Inc FID3S1KX Datasheet HTML 2Page - Eudyna Devices Inc FID3S1KX Datasheet HTML 3Page - Eudyna Devices Inc FID3S1KX Datasheet HTML 4Page - Eudyna Devices Inc FID3S1KX Datasheet HTML 5Page - Eudyna Devices Inc FID3S1KX Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FID3S1HX/KX
Parameter
Responsivity
Cut-off Frequency
Capacitance
2nd order intermodulation
distortion
3rd order intermodulation
distortion
Symbol
R
fc
Ct
IMD2
IMD3
(1) Modulation input light signals are from two independent laser sources with a modulation frequency f1=244 MHz and f2=250 MHz
f=1MHz, VR=5V
RL=50Ω, VR=5V,
-3dB from 500KHz
VR=1V
VR=5V
2 laser, 2 tone, OMD=70% each,
Pin=-0dBm,
VR=5V (Note 1)
Conditions
OPTICAL & ELECTRICAL CHARACTERISTICS (Ta=25°C, λ=1300 and 1500nm)
A/W
GHz
pF
dBc
dBc
Unit
Limits
-
-
1.3
Max.
0.8
Dark Current
ID
nA
5
-
1.5
-75
-
-90
-
-
Optical return loss
ORL
dB
-
40
Min.
Parameter
Storage Temperature
Operating Case Temperature
Forward Current
Reverse Current
Reverse Voltage
Symbol
Tstg
-40 to +85
-40 to +80
5
3
20
mA
mA
V
°C
°C
Top
IF
IR
VR
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
respectively.
(2) Pigtail fiber: Singlemode fiber, core diameter 10
±1µm, cladding diameter 125±2µm, difference of refractive index 0.3%.
(3) VR = 10V is recommended at Pin > 0dBm or f > 1GHz application.
Analog PIN
Photodiode


Similar Part No. - FID3S1KX

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FID3S2KX EUDYNA-FID3S2KX Datasheet
153Kb / 4P
   Analog PIN Photodiode
More results

Similar Description - FID3S1KX

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FID3S2KX EUDYNA-FID3S2KX Datasheet
153Kb / 4P
   Analog PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
   PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
   PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
   PIN Photodiode
logo
Panasonic Semiconductor
PNZ330CL PANASONIC-PNZ330CL Datasheet
81Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
KDS1001AF2 KODENSHI-KDS1001AF2 Datasheet
29Kb / 1P
   PIN Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com