Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0539951Q Datasheet(PDF) 6 Page - Eudyna Devices Inc

Part # F0539951Q
Description  10.0Gb/s NRZ Data Rate Laser Diode Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0539951Q Datasheet(HTML) 6 Page - Eudyna Devices Inc

  F0539951Q Datasheet HTML 1Page - Eudyna Devices Inc F0539951Q Datasheet HTML 2Page - Eudyna Devices Inc F0539951Q Datasheet HTML 3Page - Eudyna Devices Inc F0539951Q Datasheet HTML 4Page - Eudyna Devices Inc F0539951Q Datasheet HTML 5Page - Eudyna Devices Inc F0539951Q Datasheet HTML 6Page - Eudyna Devices Inc F0539951Q Datasheet HTML 7Page - Eudyna Devices Inc F0539951Q Datasheet HTML 8Page - Eudyna Devices Inc F0539951Q Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
F0539951Q
10.0 Gb/s Laser Diode Driver
♦ Package Pin Assignments (Top View)
Pin No.
Symbol
Pin No.
Symbol
01
VDD
13
VDD
02
DIN
14
VDD
03
VDD
15
MODB
04
DINB
16
VDD
05
VDD
17
MOD
06
VDD
18
VDD
07
DIS
19
BIAS
08
MODSEN
20
VSSB
09
VM
21
VSS
10
VSS
22
VB
11
VSSM
23
PWP
12
NC
24
PWN
01
02
03
04
07
08
09
10
11
12
18
17
16
15
24
23
22
21
20
19
VDD
(Bottom of package)


Similar Part No. - F0539951Q

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0530602B EUDYNA-F0530602B Datasheet
449Kb / 9P
   3.3V Operation Laser Diode Driver
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
   3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
More results

Similar Description - F0539951Q

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0513005L EUDYNA-F0513005L Datasheet
448Kb / 13P
   3 Gb/s NRZ Data Rate Laser Diode Driver
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
   3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
logo
Vitesse Semiconductor C...
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
   10.7 Gb/s RZ or NRZ Laser Modulator Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
   SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com