Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA80470H Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA80470H
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA80470H Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA80470H Datasheet HTML 1Page - Panasonic Semiconductor MA80470H Datasheet HTML 2Page - Panasonic Semiconductor MA80470H Datasheet HTML 3Page - Panasonic Semiconductor MA80470H Datasheet HTML 4Page - Panasonic Semiconductor MA80470H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Diodes
2
MAZ8024
2.28
2.40
2.60
5
120
1.0
100
5

−1.6
5
2.4
MAZ3024
MAZ8027
2.50
2.70
2.90
2_7or2^7
MAZ3027
MAZ8027-L
2.50
2.60
2.75
5
120
1.0
110
5

−2.0
5
2_7
MAZ3027-L
MAZ8027-H
2.65
2.80
2.90
2^7
MAZ3027-H
MAZ8030
2.80
3.00
3.20
3_0or3^0
MAZ3030
MAZ8030-L
2.80
2.90
3.05
5
50
1.0
120
5

−2.1
5
3_0
MAZ3030-L
MAZ8030-H
2.95
3.10
3.20
3^0
MAZ3030-H
MAZ8033
3.10
3.30
3.50
3_3or3^3
MAZ3033
MAZ8033-L
3.10
3.20
3.35
5
20
1.0
130
5

−2.4
5
3_3
MAZ3033-L
MAZ8033-H
3.25
3.40
3.50
3^3
MAZ3033-H
MAZ8036
3.40
3.60
3.80
3_6or3^6
MAZ3036
MAZ8036-L
3.40
3.50
3.65
5
10
1.0
130
5

−2.4
5
3_6
MAZ3036-L
MAZ8036-H
3.55
3.70
3.80
3^6
MAZ3036-H
MAZ8039
3.70
3.90
4.10
3_9or3^9
MAZ3039
MAZ8039-L
3.70
3.80
3.97
5
10
1.0
130
5

−2.5
5
3_9
MAZ3039-L
MAZ8039-H
3.87
4.00
4.10
3^9
MAZ3039-H
MAZ8043
4.00
4.30
4.60
4_3or4-3or4^3 MAZ3043
MAZ8043-L
4.03
4.10
4.26
5
10
1.0
130
5

−2.5
5
4_3
MAZ3043-L
MAZ8043-M
4.17
4.30
4.40
4-3
MAZ3043-M
MAZ8043-H
4.31
4.40
4.54
4^3
MAZ3043-H
MAZ8047
4.40
4.70
5.00
4_7or4-7or4^7 MAZ3047
MAZ8047-L
4.45
4.60
4.69
5
2.0
1.0
80
5
800
1.0
−1.4
5
4_7
MAZ3047-L
MAZ8047-M
4.59
4.70
4.83
4-7
MAZ3047-M
MAZ8047-H
4.74
4.90
4.99
4^7
MAZ3047-H
MAZ8051
4.80
5.10
5.40
5_1or5-1or5^1 MAZ3051
MAZ8051-L
4.87
5.00
5.12
5
1.0
2.0
60
5
500
1.0
−0.8
5
5_1
MAZ3051-L
MAZ8051-M
5.00
5.10
5.26
5-1
MAZ3051-M
MAZ8051-H
5.14
5.30
5.40
5^1
MAZ3051-H
MAZ8056
5.30
5.60
6.00
5_6or5-6or5^6 MAZ3056
MAZ8056-L
5.30
5.40
5.58
5
0.5
2.5
40
5
200
0.5
1.2
5
5_6
MAZ3056-L
MAZ8056-M
5.48
5.60
5.76
5-6
MAZ3056-M
MAZ8056-H
5.66
5.80
5.95
5^6
MAZ3056-H
MAZ8062
5.80
6.20
6.60
6_2or6-2or6^2 MAZ3062
MAZ8062-L
5.85
6.00
6.15
5
0.2
4.0
30
5
100
0.5
2.3
5
6_2
MAZ3062-L
MAZ8062-M
6.05
6.20
6.36
6-2
MAZ3062-M
MAZ8062-H
6.24
6.40
6.56
6^2
MAZ3062-H
MAZ8068
6.40
6.80
7.20
6_8or6-8or6^8 MAZ3068
MAZ8068-L
6.44
6.60
6.77
5
0.1
4.0
20
5
60
0.5
3.0
5
6_8
MAZ3068-L
MAZ8068-M
6.64
6.80
6.98
6-8
MAZ3068-M
MAZ8068-H
6.85
7.00
7.20
6^8
MAZ3068-H
MAZ8075
7.00
7.50
7.90
7_5or7-5or7^5 MAZ3075
MAZ8075-L
7.07
7.30
7.43
5
0.1
5.0
20
5
60
0.5
4.0
5
7_5
MAZ3075-L
MAZ8075-M
7.29
7.50
7.67
7-5
MAZ3075-M
MAZ8075-H
7.51
7.70
7.89
7^5
MAZ3075-H
MAZ8082
7.70
8.20
8.70
8_2or8-2or8^2 MAZ3082
MAZ8082-L
7.77
7.90
8.17
5
0.1
5.0
20
5
60
0.5
4.6
5
8_2
MAZ3082-L
MAZ8082-M
8.03
8.20
8.43
8-2
MAZ3082-M
MAZ8082-H
8.29
8.50
8.70
8^2
MAZ3082-H
I Electrical characteristics within part numbers T
a
= 25°C
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR
RZ
RZK
SZ (mV/
°C)
IZ
(
µA) V
R
(
Ω)I
Z
(
Ω)I
Z
IZ
Min
Nom Max (mA) Max
(V)
Max (mA) Max (mA)
Typ (mA)
Conventional
products
MAZ8000 Series
Marking
Symbol
Temperature
coefficient of
zener voltage


Similar Part No. - MA80470H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA800 MPS-MA800 Datasheet
1Mb / 17P
   MagAlpha Communication Kit
MA800 MPS-MA800 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
879Kb / 11P
   Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
708Kb / 8P
   Rotary Knob Kit for the MagAlpha
logo
MicroPower Direct, LLC
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA80470H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com