Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0100505B Datasheet(PDF) 8 Page - Eudyna Devices Inc

Part # F0100505B
Description  3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100505B Datasheet(HTML) 8 Page - Eudyna Devices Inc

Back Button F0100505B Datasheet HTML 4Page - Eudyna Devices Inc F0100505B Datasheet HTML 5Page - Eudyna Devices Inc F0100505B Datasheet HTML 6Page - Eudyna Devices Inc F0100505B Datasheet HTML 7Page - Eudyna Devices Inc F0100505B Datasheet HTML 8Page - Eudyna Devices Inc F0100505B Datasheet HTML 9Page - Eudyna Devices Inc F0100505B Datasheet HTML 10Page - Eudyna Devices Inc F0100505B Datasheet HTML 11Page - Eudyna Devices Inc F0100505B Datasheet HTML 12Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3.3 V / 5V 2.5Gb/s Transimpedance Amplifier
F0100505B
Examples of AC Characteristics
1) Gain (S21p)
Ta=25 °C, VDD=3.30 V, VSS=0 V, Pin=-50 dBm, RL=50 Ω, 300 kHz to 3 GHz
2) Gain (S21n)
Ta=25 °C, VDD=3.30 V, VSS=0 V, Pin=-50 dBm, RL=50 Ω, 300 kHz to 3 GHz
0
5
10
15
20
25
30
35
0.1
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
30
35
0.1
1
10
100
1000
10000
Frequency(MHz)


Similar Part No. - F0100505B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
More results

Similar Description - F0100505B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
   3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com