Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESM5068VU Datasheet(PDF) 15 Page - Eudyna Devices Inc

Part # ESM5068VU
Description  X-Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

ESM5068VU Datasheet(HTML) 15 Page - Eudyna Devices Inc

Back Button ESM5068VU Datasheet HTML 8Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 9Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 10Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 11Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 12Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 13Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 14Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 15Page - Eudyna Devices Inc ESM5068VU Datasheet HTML 16Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
X-Band Power Amplifier MMIC
ES/EMM5068VU
Preliminary
■TUNING PERFORMANCE
Device performance at higher band (11.7 to 13.3GHz) can be improved
by changing PCB line pattern.
Output Power vs. Frequency
IMD vs. Output Power
VDD=6V, IDD(DC)=1300mA, with-Tuning
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
Frequency[GHz]
VDD=6V, IDD(DC)=1300m A, w ith-Tuning
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
17
19
21
23
25
27
29
31
2-Tone Total Output Pow er [dBm ]
9.5GHz
11.7GHz
13.3GHz
Pin=-4dBm
Pin=0dBm
Pin=+4dBm
Pin=+10dBm
P1dB
IM5
IM3
Tuning Stub
PCB: RO4003
Er : 3.38
Thickness : 0.2mm
15


Similar Part No. - ESM5068VU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESM5045DV STMICROELECTRONICS-ESM5045DV Datasheet
118Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM5045DV STMICROELECTRONICS-ESM5045DV Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
ESM5045DV STMICROELECTRONICS-ESM5045DV_03 Datasheet
392Kb / 8P
   NPN DARLINGTON POWER MODULE
More results

Similar Description - ESM5068VU

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
   X Band Power Amplifier MMIC
June 2017
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
   HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com