Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05060YAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05060YAH
Description  MEMORY BUS TERMINATION MODULES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05060YAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH05060YAH Datasheet HTML 5Page - Texas Instruments PTH05060YAH Datasheet HTML 6Page - Texas Instruments PTH05060YAH Datasheet HTML 7Page - Texas Instruments PTH05060YAH Datasheet HTML 8Page - Texas Instruments PTH05060YAH Datasheet HTML 9Page - Texas Instruments PTH05060YAH Datasheet HTML 10Page - Texas Instruments PTH05060YAH Datasheet HTML 11Page - Texas Instruments PTH05060YAH Datasheet HTML 12Page - Texas Instruments PTH05060YAH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
Designing for Very Fast Load Transients
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Capacitor Vendor,
Vendor
Working
Max ESR
Max Ripple
Physical
Value
Input
Output
Type/Series (Style)
Part Number
Voltage
at 100 kHz
Current at 85°CSize
(µF)
Bus
Bus
(V)
(Ω)
(Irms) (mA)
(mm)
Panasonic, Poly-Aluminum:
S/SE (SMD)
6.3
180
0.005
4000
7,.3×4,3×4,2
2
N/R(2)
EEFSE0J181R
Sanyo
SEPC, Os-con (Radial)
16
470
0.010
6100
10×13
1
≤1
16SEPC470M
SVP (SMD)
6.3
470
0.015
4210
8×11,9
1
≤2
6SVP470M
TPE, Poscap (SMD)
6.3
330
0.025
2400
7.3×4.3
1
≤3
6TPE330ML
AVX, Tantalum
7.3L ×5.7W
TPS Series III
10
470
0.045
1915
1
≤5
TPSE477M010R0045
×4.1H
TPS (SMD)
10
470
0.100
1432
1
≤5
TPSV477M010R0100
Kemet, Poly-Tantalum
4.3W ×7.3L
T520 (SMD)
10
330
0.040
1800
1
1
T520X337M010AS
×4.0H
T530 (SMD)
10
330
0.010
>5200
1
≤1
T530X337M010ASE010
Vishay-Sprague
595D, Tantalum (SMD)
10
330
0.100
1040
1
≤5
595D377x0010D2T
594D, Tantalum (SMD)
10
330
0.045
2360
1
≤5
594D337X0016R2T
7.2L×6W
94SA,Poly-Aluminum (SMD)
6.3
330
0.025
3500
1
≤3
94SA337X06R3FBP
×4.1H
94SVP, Poly-Aluminum
6.3
470
0.017
3960
10 ×10,5
1
≤2
94SVP477X06R3E12
(SMD)
8,3x12
Kemet, Ceramic X5R (SMD)
16
10
0.002
3225 mm
1
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
1
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
3225 mm
1(3)
≤3
GRM32ER60J107M
6.3
47
3225 mm
1(3)
≤5
GRM32ER60J476M
16
22
1(3)
≤5
GRM32ER61C226K
16
10
1(3)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
3225 mm
1(3)
≤3
C3225X5R0J107MT
6.3
47
3225 mm
1(3)
≤5
C3225X5R0J476MT
16
22
1(3)
≤5
C3225X5R1C226MT
16
10
1(3)
≤5
C3225X5R1C106MT
(2) N/R – Not recommended. The capacitor does not meet the minimum operating limits.
(3) A ceramic capacitor may be used to compliment electrolytic types at the input to further reduce high-frequency ripple current.
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of 1
A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with
any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors
selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 5500 µF, the selection of output capacitors becomes more important.
9


Similar Part No. - PTH05060YAH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05060YAH ARTESYN-PTH05060YAH Datasheet
232Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Emerson Network Power
PTH05060YAH EMERSON-NETWORKPOWER-PTH05060YAH Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
logo
Artesyn Technologies
PTH05060YAHT ARTESYN-PTH05060YAHT Datasheet
232Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Emerson Network Power
PTH05060YAHT EMERSON-NETWORKPOWER-PTH05060YAHT Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
More results

Similar Description - PTH05060YAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
[Old version datasheet]   6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
logo
Altera Corporation
EV1380QI ALTERA-EV1380QI Datasheet
944Kb / 18P
   Memory Termination
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
   2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Winbond
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
   Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
   Bus Termination Regulator
logo
Pepperl+Fuchs Inc.
FB9293B PF-FB9293B Datasheet
427Kb / 3P
   Bus Termination Module
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
   Bus Termination Regulator
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
   Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com