Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH03060YAZ Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH03060YAZ
Description  MEMORY BUS TERMINATION MODULES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060YAZ Datasheet(HTML) 5 Page - Texas Instruments

  PTH03060YAZ Datasheet HTML 1Page - Texas Instruments PTH03060YAZ Datasheet HTML 2Page - Texas Instruments PTH03060YAZ Datasheet HTML 3Page - Texas Instruments PTH03060YAZ Datasheet HTML 4Page - Texas Instruments PTH03060YAZ Datasheet HTML 5Page - Texas Instruments PTH03060YAZ Datasheet HTML 6Page - Texas Instruments PTH03060YAZ Datasheet HTML 7Page - Texas Instruments PTH03060YAZ Datasheet HTML 8Page - Texas Instruments PTH03060YAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (VREF =1.25 V)(1)(2)
50
60
70
80
90
10 0
24
6
8
10
0
IL − Load Current − A
VIN = 3.3 V
VIN = 5 V
VIN = 12 V
0
10
20
30
40
50
60
2
46
8
10
0
IL − Load Current − A
VIN = 3.3 V
VIN = 12 V
VIN = 5 V
0
1
2
3
4
24
6
8
10
0
IL − Load Current − A
VIN = 3.3 V
VIN = 12 V
VIN = 5 V
20
30
40
50
60
70
80
90
24
6
8
10
0
IL − Load Current − A
400 LFM
200 LFM
100 LFM
Nat Cinv
20
30
40
50
60
70
80
90
400 LFM
200 LFM
100 LFM
Nat Cinv
VIN = 12 V
24
68
0
IL − Load Current − A
10
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
PTH03060Y/PTH05060Y AT
PTH12060Y ONLY; VIN =12V
NOMINAL VIN
TEMPERATURE DERATING
TEMPERATURE DERATING
vs LOAD CURRENT
vs LOAD CURRENT
Figure 4.
Figure 5.
(1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4 in x 4 in double-sided PCB with 1 oz. copper. For
surface mount packages (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 4, and Figure 5.
5


Similar Part No. - PTH03060YAZ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH03060YAZ EMERSON-NETWORKPOWER-PTH03060YAZ Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
PTH03060YAZT EMERSON-NETWORKPOWER-PTH03060YAZT Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
More results

Similar Description - PTH03060YAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
[Old version datasheet]   6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
logo
Altera Corporation
EV1380QI ALTERA-EV1380QI Datasheet
944Kb / 18P
   Memory Termination
logo
California Micro Device...
CM3109 CALMIRCO-CM3109 Datasheet
542Kb / 12P
   2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination
logo
Winbond
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
   Bus Termination Regulator
W83310U WINBOND-W83310U Datasheet
326Kb / 13P
   Bus Termination Regulator
logo
Pepperl+Fuchs Inc.
FB9293B PF-FB9293B Datasheet
427Kb / 3P
   Bus Termination Module
logo
Nuvoton Technology Corp...
NCT3101S NUVOTON-NCT3101S Datasheet
669Kb / 20P
   Bus Termination Regulator
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
   Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com