Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-L2980 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part No. S-L2980
Description  High Ripple Rejection Low Dropout CMOS Voltage Regulator S-L2980 Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-L2980 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-L2980 Datasheet HTML 1Page - Seiko Instruments Inc S-L2980 Datasheet HTML 2Page - Seiko Instruments Inc S-L2980 Datasheet HTML 3Page - Seiko Instruments Inc S-L2980 Datasheet HTML 4Page - Seiko Instruments Inc S-L2980 Datasheet HTML 5Page - Seiko Instruments Inc S-L2980 Datasheet HTML 6Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Seiko Instruments Inc. / Components Headquarters
High Ripple Rejection Low Dropout CMOS Voltage Regulator
S-L2980 Series
Pin Configuration
13
2
4
5
SOT-23-5
Top view
5
4
3
2
1
5-pin SON(A)
Top view
Pin No.
Symbol
Description
1VIN
Voltage input pin
2VSS
GND pin
3ON/OFF
Power off pin
4NC*
Non-connected
5VOUT
Voltage output pin
P in N o .
S ym bo l
D e s c rip tion
1N C *
N on-c onnec te d
2
VSS
GN D p in
3O N /O F F
Po w e r off p in
4V IN
V o ltage input p in
5V O U T
V o ltage o u tput


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn