Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-L2980 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part No. S-L2980
Description  High Ripple Rejection Low Dropout CMOS Voltage Regulator S-L2980 Series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-L2980 Datasheet(HTML) 2 Page - Seiko Instruments Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Ripple Rejection Low Dropout CMOS Voltage Regulator
S-L2980 Series
Tentative specifications
Seiko Instruments Inc. / Components Headquarters
Features
• Ripple Rejection Rate:
70 dB Typ. (f=1 kHz, V
OUT = 3.0V)
• Low current consumption Operation: 90
µA Typ., 150 µA Max.
Power off: 0.1
µA Typ., 1 µA Max.
• Input voltage range:
2.0 to 10.0V (Absolute maximum rating: 12V)
• Output voltage:
1.5 to 6.0 V, 0.1 V step
• Output current:
150 mA capable @3.0 V
• Low dropout voltage
220 mV Typ. (V
OUT = 3.0 V, IOUT = 100 mA)
• Built-in power-off circuit
• Built-in short-circuit current limitation
• Low ESR capacitors are available.
A ceramic capacitor of 2.2
µF or more can be used.
• Compact packages:
SOT-23-5, 5-pin SON(A)
Target Applications
• Cellular phone, PHS, Communication devices


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn