Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM5301 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part No. SM5301
Description  3-channel Video Buffer with Built-in Wideband Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5301 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5301 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5301 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM5301AS
NIPPON PRECISION CIRCUITS INC.—3
PIN DESCRIPTION
Number
Name
I/O
Description
1GINA/UINA
I
Analog GINA or UINA signal input. Sync signal is input on SYNCIN pin.
2
GSG1
I
GOUT/UOUT output buffer gain set input
3GINB/UINB
I
Analog GINB or UINB signal input. Sync signal is input on SYNCIN pin.
4
NC
No connection (leave open or connect to ground)
5BINA/VINA
I
Analog BINA or VINA signal input. Sync signal is input on SYNCIN pin.
6
GSB1
I
BOUT/VOUT output buffer gain set input
7BINB/VINB
I
Analog BINB or VINB signal input. Sync signal is input on SYNCIN pin.
8
NC
No connection (leave open or connect to ground)
9
DISABLE
I
Power save function. Built-in pull-down resistor.
L: Enable
H: Disable (Output pins: ROUT/YOUT, GOUT/UOUT, and BOUT/VOUT are high impedance.)
10
GND3
Analog ground
11
BOUT/VOUT
O
B/V signal output
12
VCC3
Analog 5V supply
13
GND2
Analog ground
14
GOUT/UOUT
O
G/U signal output
15
VCC2
Analog 5V supply
16
GND1
Analog ground
17
ROUT/YOUT
O
R/Y signal output
18
VCC1
Analog 5V supply
19
GND4
Analog ground
20
RFC
LPF (lowpass filter) cutoff frequency setting resistor connection
21
VFC
I
LPF (lowpass filter) cutoff frequency setting voltage input
22
MUXSEL
I
Input select signal. Built-in pull-down resistor.
L:
×INA pin select
H:
×INB pin select
23
SYNCIN
I
Filter channel external H-Sync signal input. Active “H”. Built-in pull-down resistor.
24
VCC4
Analog 5V supply
25
RINA/YINA
I
Analog RINA or YINA signal input. Sync signal is input on SYNCIN pin.
26
GSR1
I
ROUT/YOUT output buffer gain set input
27
RINB/YINB
I
Analog RINB or YINB signal input. Sync signal is input on SYNCIN pin.
28
NC
No connection (leave open or connect to ground)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn