Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8202 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PAM8202
Description  Tiny Package 2 Watt Class-D Stereo Audio Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8202 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PAM8202 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 3Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 4Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 5Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 6Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 7Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Input
Input
10K
10K
R
L
Vdd
Speaker
Speaker
0.47 F
0.47 F
C1
C2
Cin
Cin
Rin
Rin
0.47 F
C
0.47 F
C
0.47 F
C
0.47 F
C
33 H
L
33 H
L
33 H
L
33 H
L
Setting Amplifier voltage gain
It is very important to know the maximum output level (0dB) of the signal source connected to a power amplifier in
order to prevent hard clipping during operation.
Gain (max) = Vsupply/ Vin (p-p)
Insufficient voltage gain will cause low output level and maybe not enough to drive speaker properly. On the
other hand, the distortion will be very high if the voltage gain is too high in an audio system.
There is a 10k
input resistor integrated in side IN (input) node, and since the integrated feedback resistor is 100k ,
so the maximum voltage gain of PAM8202 is limited at 10V/V (100k/10k, one output). With an external input resistor
(Rin) placed between signal source & input node, the voltage gain will be
Gain = 100k/ (10k + Rin) = Vsupply/ Vin (p-p)
Actual voltage gain is two times of this calculation because of BTL connection.
Decouple capacitor
PAM8202 is a high performance, high speed class D amplifier, and it requires a 1uF, X7R ceramic decouple
capacitor (C1) placed very close between VDD & GND pins to ensure the total harmonic distortion plus noise
(THD+N) performance is as designed. This is also very important for efficiency and lowering noise floor. Another
100 F to 1000 F main decouple capacitor (C2) should be placed close to supply pin for low frequency
Ecoupling.
Input capacitor
Input capacitor (Cin) blocks the DC voltage between signal source & amplifier to ensure the DC balancing will not
be broken between two systems. It also form a high-pass-filter (HPF) with input resistors (Rin + 10k), the lower corner
frequency (FCL) is determine by equation below.
Fig. 1
IN_L
-OUT_L
+OUT_L
+OUT_R
-OUT_R
IN_R
GND
VDD
Power Analog Microelectronics, Inc.
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
PAM8202 Rev. 1.1
PRELIMIARY DATASHEET
PAM8202
Tiny Package 2 Watt Class-D Stereo Audio Amplifier


Similar Part No. - PAM8202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8201 ETC1-PAM8201 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
More results

Similar Description - PAM8202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
   Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com