Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M166 Datasheet(PDF) 71 Page - Siemens Semiconductor Group

Part # M166
Description  C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

M166 Datasheet(HTML) 71 Page - Siemens Semiconductor Group

Back Button M166 Datasheet HTML 67Page - Siemens Semiconductor Group M166 Datasheet HTML 68Page - Siemens Semiconductor Group M166 Datasheet HTML 69Page - Siemens Semiconductor Group M166 Datasheet HTML 70Page - Siemens Semiconductor Group M166 Datasheet HTML 71Page - Siemens Semiconductor Group M166 Datasheet HTML 72Page - Siemens Semiconductor Group M166 Datasheet HTML 73Page - Siemens Semiconductor Group M166 Datasheet HTML 74Page - Siemens Semiconductor Group M166 Datasheet HTML 75Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
30Mar98@15:00h
Semiconductor Group
71
Version 1.2, 12.97
C166 Family Instruction Set
Instruction Description
EXTS
Begin EXTended Segment Sequence
EXTS
Syntax
EXTS
op1, op2
Operation
(count)
← (op2) [1 ≤ op2 ≤ 4]
Disable interrupts and Class A traps
Data_Segment = (op1)
DO WHILE ((count)
≠ 0 AND Class_B_trap_condition ≠ TRUE)
Next Instruction
(count)
← (count) - 1
END WHILE
(count) = 0
Data_Page = (DPPx)
Enable interrupts and traps
Description
Overrides the standard DPP addressing scheme of the long and indirect
addressing modes for a specified number of instructions. During their exe-
cution, both standard and PEC interrupts and class A hardware traps are
locked. The EXTS instruction becomes immediately active such that no
additional NOPs are required.
For any long (’mem’) or indirect ([...]) address in an EXTS instruction
sequence, the value of op1 determines the 8-bit segment (address bits
A23-A16) valid for the corresponding data access. The long or indirect
address itself represents the 16-bit segment offset (address bits A15-A0).
The value of op2 defines the length of the effected instruction sequence.
Note
The EXTS instruction must be used carefully (see introductory note).
The EXTS instruction is not available in the SAB 8XC166(W) devices.
E Not affected.
Z Not affected.
V Not affected.
C Not affected.
N Not affected.
Addressing Modes
Mnemonic
Format
Bytes
EXTS
Rwm, #irang2
DC :00##-m
2
EXTS
#seg, #irang2
D7 :00##-0 ss 00
4
Condition Flags
E
Z
V
C
N
---
--


Similar Part No. - M166

ManufacturerPart #DatasheetDescription
logo
Sanken electric
M1661P SANKEN-M1661P Datasheet
31Kb / 1P
   TO-3P 16A Triac
logo
Renesas Technology Corp
M16623F4 RENESAS-M16623F4 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623F8 RENESAS-M16623F8 Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623FA RENESAS-M16623FA Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16623FC RENESAS-M16623FC Datasheet
3Mb / 242P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C921F SAMSUNG-S3C921F Datasheet
193Kb / 30P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com