Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM34063 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GM34063
Description  1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM34063 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GM34063 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM34063 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 1, May 2002
www.gammamicro.com
1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
GM34063
PRELIMINARY
1
3.0V to 40V input
Adjustable Output Voltage
Current Limiting
Output Switch Current to 1.5A
Low Standby Current
Operating Frequency to 100kHz
Precision 2% Reference
The GM34063 has all the functions required for
DC-to-DC converters: an internal temperature-
compensated reference, comparator, controlled
duty cycle oscillator with an active current limit
circuit, driver, and high-current output switch.
The 34063 designed for step-down, step-up and
voltage-inverting applications using a minimum
number of external components.
SCHEMATIC DIAGRAM
PIN CONNECTIONS
CD-ROM
Motherboards
SMPS Power Supply
Battery Chargers
Applications:
1
2
3
4
8
7
6
5
Switch
Collector
Driver
Collector
Switch Emitter
Timing
Capacitor
GND
I
pk Sense
V
CC
Comparator
Inverting unit
(Top View)
8
7
6
5
4
3
2
1
Driver Collector
I
pk Sense
V
CC
Comparator
Inverting unit
GND
Timing Capacitor
Switch Emitter
Switch Collector
(Bottom View)
S
R
QQ2
Q1
100
Comparator
+
-
1.25V
Reference
Regulator
I
pk Oscillator
C
T
* The GM34063 has 51 active transistors on-chip.


Similar Part No. - GM34063

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
2Mb / 1P
   PWM Switching Regulators
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
GM34063 GAMMA-GM34063 Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
GM34063D8T GAMMA-GM34063D8T Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
GM34063D8T GAMMA-GM34063D8T Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
More results

Similar Description - GM34063

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
GM34063 GAMMA-GM34063_1 Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com