Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78L00 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM78L00
Description  100 mA POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM78L00 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GM78L00 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM78L00 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GM78L00
100 mA POSITIVE VOLTAGE REGULATORS
Revision 1, May 2002
www.gammamicro.com
PRELIMINARY
6
APPLICATION INFORMATION
Design Considerations
The GM78L series regulators have thermal overload
protection from excessive power, internal short-circuit
protection which limits each circuit’s maximum current,
and output transistor safe-area protection for reducing
the output current as the voltage across each pass
transistor is increased.
Although the internal power dissipation is limited, the
junction temperature must be kept below the maximum
specified temperature (125°C) in order to meet data
sheet specifications.
Thermal Considerations
The TO-92 molded package is capable of unusually
high power dissipation due to the lead frame design.
However, its thermal capabilities are generally
overlooked because of a lack of understanding of the
thermal paths from the semiconductor junction to
ambient temperature.
While thermal resistance is normally specified for the
device mounted 1 cm above an infinite heat sink, very
little has been mentioned of the options available to
improve on the conservatively rated thermal capability.
An explanation of the thermal paths of the TO-92 will
allow the designer to determine the thermal stress he
is applying in any given application.
The TO-92 Package
The TO-92 package thermal paths are complex. In
addition to the path through the molding compound to
ambient temperature, there is another path through the
leads, in parallel with the case path, to ambient
temperature, as shown in Figure 1.
The total thermal resistance in this model is then:
Where:
θJC = thermal resistance of the case between the
regulator die and a point on the case directly above the
die location.
θCA = thermal resistance between the case and air at
ambient temperature.
θJL= thermal resistance from regulator die through the
input lead to a point 1/16 inch below the regulator case.
θLA= total thermal resistance of the input/output ground
leads to ambient temperature.
θJA = junction to ambient thermal resistance.
θJA=
(
θJA + θCA) ( θJL + θLA)
θJA + θCA + θJL + θLA
PE (W)
θJL
θLA
θJC
θCA
TJ
TA
FIGURE 1. TO-92 Thermal Equivalent Circuit
0
0
L
8
7
M
G
E
G
A
T
L
O
V
T
U
P
T
U
O
E
G
A
K
C
A
P
2
9
-
O
T
9
8
-
T
O
S
8
P
O
S
V
52
9
T
-
5
0
L
8
7
M
G9
8
T
S
-
5
0
L
8
7
M
G8
S
-
5
0
L
8
7
M
G
V
62
9
T
-
6
0
L
8
7
M
G9
8
T
S
-
6
0
L
8
7
M
G8
S
-
6
0
L
8
7
M
G
V
82
9
T
-
8
0
L
8
7
M
G9
8
T
S
-
8
0
L
8
7
M
G8
S
-
8
0
L
8
7
M
G
V
92
9
T
-
9
0
L
8
7
M
G9
8
T
S
-
9
0
L
8
7
M
G8
S
-
9
0
L
8
7
M
G
V
0
12
9
T
-
0
1
L
8
7
M
G9
8
T
S
-
0
1
L
8
7
M
G8
S
-
0
1
L
8
7
M
G
V
2
12
9
T
-
2
1
L
8
7
M
G9
8
T
S
-
2
1
L
8
7
M
G8
S
-
2
1
L
8
7
M
G
V
5
12
9
T
-
5
1
L
8
7
M
G9
8
T
S
-
5
1
L
8
7
M
G8
S
-
5
1
L
8
7
M
G
V
8
12
9
T
-
8
1
L
8
7
M
G9
8
T
S
-
8
1
L
8
7
M
G8
S
-
8
1
L
8
7
M
G
V
4
22
9
T
-
4
2
L
8
7
M
G9
8
T
S
-
4
2
L
8
7
M
G8
S
-
4
2
L
8
7
M
G
ORDERING INFORMATION


Similar Part No. - GM78L00

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM78L00 GAMMA-GM78L00 Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM78L00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com