Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A038RBK Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1A038RBK
Description  OPIC Photointerrupter with Encoder Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A038RBK Datasheet(HTML) 2 Page - Sharp Electrionic Components

  GP1A038RBK Datasheet HTML 1Page - Sharp Electrionic Components GP1A038RBK Datasheet HTML 2Page - Sharp Electrionic Components GP1A038RBK Datasheet HTML 3Page - Sharp Electrionic Components GP1A038RBK Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A038RBK/GP1A038RBKL/GP1A038RCK/GP1A038RCKL
I Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
µA
mA
V
IR
V
V
Reverse current
Output
%
µs
µs
kHz
IF
=11mA
VR
=1V
VCC
=2.7 to 5.5V, IF=11mA, IOL=8mA
VCC
=2.7 to 5.5V, IF=11mA, A and B low level
VCC
=2.7 to 5.5V, IF=11mA
MIN.
2.7
35
45
100
5.5
0.4
MAX.
65
135
1.5
Conditions
TYP.
5.0
VCC
−0.3
5
2.0
1.0
2.0
1.0
20
50
90
1.3
(Ta
=25˚C)
VCC
*1
Transfer
charac-
teristics
Duty ratio
Phase difference
Response time
Response frequency
Operating supply voltage
VOL
VOH
ICC
DA
DB
tr
tf
fmax
Low level output voltage
High level output voltage
Supply current
θAB1 to 4
˚
*1 Refer to the measuring condition. The values of transfer characteristics do not include an error of linear scale. Z is the distance between scale face and holder on the detector side.
VCC
=2.7 to 5.5V, IF=11mA,
f
=10kHz, Z=0.3 mm
+0.7
−0.2
VCC
=2.7 to 5.5V, IF=11mA, Z=0.3 mm
+0.7
−0.2
0
80
60
40
50
25
20
−10 0
25
20
40
70
60
80
100
Ambient temperature Ta (
°C)
0
150
100
50
60
−10 0
20
40
70
25
60
80
100
Ambient temperature Ta (
°C)
Fig.2 Forward Current vs. Ambient
Temperature
Fig.3 Output Power Dissipation vs.
Ambient Temperature
Fig.1 Output Waveforms
A Output
B Output
A, B Output
DA
=×100
tAH
___
tAP
DB
=×100
tBH
___
tBP
tAP
tBP
tAH
tBH
tr
tf
θAB1
θAB2
θAB3
θAB4
10%
10%
90%
90%
Scale moving direction is shown in the measuring condition (Refer to Fig.4).


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A30R OPIC Photointerrupter with Encoder Function 1  2  3  4  Sharp Electrionic Components
GP1A36RB OPIC Photointerrupter with Encoder Function 1  2  3  Sharp Electrionic Components
GP1A16R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION 1  2  3  4  Sharp Electrionic Components
GP1A13R OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION 1  2  3  4  5  Sharp Electrionic Components
GP1A33R OPIC Photointerruper with Encoder Function 1  2  3  4  5  Sharp Electrionic Components
GP1A35RV High Sensing Accuracy OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  Sharp Electrionic Components
GP1A70R OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  More Sharp Electrionic Components
GP1A35R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS 1  2  3  4  5  Sharp Electrionic Components
GP1A10 OPIC Photointerrupter with Connetor 1  2  3  4  Sharp Electrionic Components
GP1AQ36L High Temperature Operation Type OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn