Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TP2150B Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part No. TP2150B
Description  DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2150B Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TP2150B Datasheet HTML 1Page - Tripath Technology Inc. TP2150B Datasheet HTML 2Page - Tripath Technology Inc. TP2150B Datasheet HTML 3Page - Tripath Technology Inc. TP2150B Datasheet HTML 4Page - Tripath Technology Inc. TP2150B Datasheet HTML 5Page - Tripath Technology Inc. TP2150B Datasheet HTML 6Page - Tripath Technology Inc. TP2150B Datasheet HTML 7Page - Tripath Technology Inc. TP2150B Datasheet HTML 8Page - Tripath Technology Inc. TP2150B Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TP2150B - MC/ 1.7/06.04
TP2150B
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
Technical Information
Rev i sion 1.7 – June 2004
GENERAL DESCRIPTION
The TP2150B is a high speed, dual high side and low side MOSFET driver. The TP2150B level shifts CMOS
or TTL input levels to gate signals for driving high voltage and high current MOSFETs in a dual half bridge or
single full bridge configuration. The built in bootstrap circuitry allows for the high side to drive an N-channel
power MOSFET.
Applications
Switch mode audio power amplifier
Switch mode power supply
MOSFET driver
Benefits
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality Class-AB
amplifiers when paired with Tripath TC2001
Floating reference high side driver allows for N
channel output power MOSFETs on the high
side.
Features
Pin Compatible with Tripath TP2350B
Supports wide range of power supplies
Built in switching regulator driver to power the
gate drive circuitry (VN10)
Over-current protection
Over-temperature protection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RIC7113L4 RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1  2  3  4  5  More International Rectifier
IR2113 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
LM5100 High Voltage High Side and Low Side Gate Driver 1  2  3  4  5  More National Semiconductor (TI)
IR2110E4 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
IR2131 3 HIGH SIDE AND 3 LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
UCC27423 DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE 1  2  3  4  5  More Texas Instruments
IR2110 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
MPIC2112 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More Motorola, Inc
UCC27321 SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn