Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TP2150B Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part No. TP2150B
Description  DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2150B Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TP2150B Datasheet HTML 1Page - Tripath Technology Inc. TP2150B Datasheet HTML 2Page - Tripath Technology Inc. TP2150B Datasheet HTML 3Page - Tripath Technology Inc. TP2150B Datasheet HTML 4Page - Tripath Technology Inc. TP2150B Datasheet HTML 5Page - Tripath Technology Inc. TP2150B Datasheet HTML 6Page - Tripath Technology Inc. TP2150B Datasheet HTML 7Page - Tripath Technology Inc. TP2150B Datasheet HTML 8Page - Tripath Technology Inc. TP2150B Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
4
TP2150B - MC/ 1.7/06.04
Electrical Characteristics TP2150B (Note 7)
TA = 25 °C. Unless otherwise noted, the supply voltage is VPP=|VNN|=45V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Iq
Quiescent Current
(No load, BBM0=1,BBM1=0,
Mute = 0V)
VPP = +45V
VNN = -45V (using external VN10)
VNN = -45V (using SMPSO pin to
drive IRFL9110 for generating
VN10)
VN10 = 10V
V5 = 5V
30
30
65
100
10.5
55
45
75
110
15
mA
mA
mA
mA
mA
VIH
Logic High Input Voltage
V5-1
V
VIL
Logic Low Input Voltage
1
V
IIN
Input Current for logic inputs
50
500
nA
RDS
MOSFET On Resistance (high
side)
IOUT = 50mA VN10=10V
53
RDS
MOSFET On Resistance (low side) IIN = 50mA VN10=10V
2
IPK
Peak Output Current
200
mA
QG
Gate Charge Drive Capability
35
nC
VOUT
Output Voltage for OCD pins
VIN = 0.5V between OCSXXX pins
(i.e. pins 51 and 50, pins 53 and
54, pins 33 and 34, pins 30 and 31)
1.2
1.5
V
IBIASOCD
VIN = 0V between OCSXXX pins
(i.e. pins 51 and 50, pins 53 and
54, pins 33 and 34, pins 30 and 31)
10
20
uA
Note 7: Minimum and maximum limits are guaranteed but may not be 100% tested.
Operating Conditions TP2150B (Note 8)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VPP, VNN
Supply Voltage
+/- 15
+/-45
+/- 65
V
VN10
Voltage for FET drive (Volts above VNN)
9
10
12
V
V5
5V power supply
4.5
5
5.5
V
TR
Rise Time (Low Side Driver with no load)
8
nS
TF
Fall Time (Low Side Driver with no load)
35
nS
TD1
Rise Time Delay (Low Side Driver with no load)
190
nS
TD2
Fall Time Delay (Low Side Driver with no load)
135
nS
TR
Rise Time (High Side Driver with no load)
2
nS
TF
Fall Time (High Side Driver with no load)
30
nS
TD1
Rise Time Delay (High Side Driver with no load)
160
nS
TD2
Fall Time Delay (High Side Driver with no load)
140
nS
Note 8: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RIC7113L4 RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1  2  3  4  5  More International Rectifier
IR2113 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
LM5100 High Voltage High Side and Low Side Gate Driver 1  2  3  4  5  More National Semiconductor (TI)
IR2110E4 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
IR2131 3 HIGH SIDE AND 3 LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
UCC27423 DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE 1  2  3  4  5  More Texas Instruments
IR2110 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More International Rectifier
MPIC2112 HIGH AND LOW SIDE DRIVER 1  2  3  4  5  More Motorola, Inc
UCC27321 SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn