Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2075A Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TDA2075A
Description  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA2075A Datasheet(HTML) 7 Page - Tripath Technology Inc.

Back Button TDA2075A Datasheet HTML 3Page - Tripath Technology Inc. TDA2075A Datasheet HTML 4Page - Tripath Technology Inc. TDA2075A Datasheet HTML 5Page - Tripath Technology Inc. TDA2075A Datasheet HTML 6Page - Tripath Technology Inc. TDA2075A Datasheet HTML 7Page - Tripath Technology Inc. TDA2075A Datasheet HTML 8Page - Tripath Technology Inc. TDA2075A Datasheet HTML 9Page - Tripath Technology Inc. TDA2075A Datasheet HTML 10Page - Tripath Technology Inc. TDA2075A Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m a t i o n
7
TDA20 75A – R e v . 0 . 9 / KL i / 10 .0 5
Application / Test Circuit
TDA2075A
FAULT
30
14,16,18,19, 21, 23, 37, 48
FET controller
V10
17 LO1
C
O
0.22uF
L
O
11uH
C
Z
0.22uF
R
Z
10
Ω,2W
MUTE
OCSN1
OCSP1
9
10
V5
15 HO1
V10
R
S
Analog Ground
Power Ground
* The values of these components must be adjusted based
on supply voltage range. See Application Information.
0Ω
NC
R
L
4 - 8
VPP
V5
C
I
2.2uF
+
V5
40
VPPSENSE
35
OCD1
33
OCD2
Processing
&
Modulation
OAOUT1
INV1
45
46
V5
AGND
47
BIASCAP
C
A
0.1uF
3
2.5V
-
+
AGND
OAOUT2
INV2
1
2
-
+
V5
AGND
MUTE
10K
V5
34
REF
8.25K, 1%
C
S
0.1uF
43, 44
41, 42
V5
AGND
5V
*R
VPP2
*R
VPP1
36
SUB
R
FLT
Offset Trim
Circuit
R
OFA
50K
R
OFB
470K
R
OFB
470K
C
OF
0.1uF
R
F
20K
20K
R
I
7
BBMSET
R
BBMSET
20K, 1%
R
REF
** Refer to the RB-TDA2075A document for a detailed
description of these optional circuits.
VPP
1.0uF
1.0uF
4.7K
1.0K
150K
R
GS
D
BIAS
Q
P
Q
ISP
R
G
R
ISB
R
ISA
C
ISA
G_OFF
CKT
D_IS
CKT
C
G
Q
N
R
G
D
G
D
G
C
HBR
33uF
C
HBR
0.1uF
+
D
DS
D
DS
150K
R
GS
**
**
**
1.0uF
C
G
1.0uF
4.7K
1.0K
D
BIAS
Q
ISN
R
ISB
R
ISA
ISA
D_IS
CKT
**
S_SUP
CKT
S_SUP
CKT
C
S
220uF
C
S
0.1uF
+
VNN
C
S
220uF
C
S
0.1uF
C
VNN
V5
38
VNNSENSE
*R
VNN2
*R
VNN1
C
I
2.2uF
+
V5
AGND
Offset Trim
Circuit
R
OFA
50K
R
OFB
470K
R
OFB
470K
C
OF
R
F
20K
20K
R
I
4
DCMP
V5
C
S
0.1uF
AGND
V5
5V
5
6, 32
FET controller
V10
20 LO2
C
O
0.22uF
L
O
11uH
C
Z
0.22uF
R
Z
10
Ω,2W
MUTE
27 FBKOUT2
OCSN2
OCSP2
29
28
V5
22 HO2
V10
R
S
10K, 1%
1.1K
R
FBA
1K
*R
FBB
*R
FBC
220pF
C
FB
V5
C
S
0.1uF
PGND
V10
10V
13,24
25
L
O
VPP
1.0uF
1.0uF
4.7K
1.0K
150K
R
GS
D
BIAS
Q
P
Q
ISP
R
G
R
ISB
R
ISA
C
ISA
G_OFF
CKT
D_IS
CKT
C
G
Q
N
R
G
D
G
D
G
C
HBR
33uF
C
HBR
0.1uF
+
150K
R
GS
**
**
**
1.0uF
C
G
1.0uF
4.7K
1.0K
D
BIAS
Q
ISN
R
ISB
R
ISA
ISA
D_IS
CKT
**
S_SUP
CKT
S_SUP
CKT
C
S
220uF
C
S
0.1uF
+
VNN
C
S
220uF
C
S
0.1uF
C
8 GATEOFF
12 FBKOUT1
10K, 1%
1.1K
R
FBA
1K
*R
FBB
*R
FBC
150pF
C
FB
V5
11 FBKGND1
10K, 1%
1.1K
R
FBA
1K
*R
FBB
*R
FBC
V5
26 FBKGND2
10K, 1%
1.1K
R
FBA
1K
*R
FBB
*R
FBC
V5
D
DS
D
DS
R
L
4 - 8


Similar Part No. - TDA2075A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
More results

Similar Description - TDA2075A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com