Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCD6001 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TCD6001
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6001 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TCD6001 Datasheet HTML 5Page - Tripath Technology Inc. TCD6001 Datasheet HTML 6Page - Tripath Technology Inc. TCD6001 Datasheet HTML 7Page - Tripath Technology Inc. TCD6001 Datasheet HTML 8Page - Tripath Technology Inc. TCD6001 Datasheet HTML 9Page - Tripath Technology Inc. TCD6001 Datasheet HTML 10Page - Tripath Technology Inc. TCD6001 Datasheet HTML 11Page - Tripath Technology Inc. TCD6001 Datasheet HTML 12Page - Tripath Technology Inc. TCD6001 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
9
TCD6001 – JL/Rev. 0.9/07.05
TCD6001 Connection Diagram
SLEEPB
Y3B
3.3V
VNN
Y2B
Ra
Rfb2
0.1uF
0.1uF
Rp
Rfb3
FB4P
Ch
100u;10V
Cs
0.1uF
Rfb3
5.0V
FB2P
PCM AUDIO
SOURCE
Rfb3
Ch
100u;10V
AM_MODE
Rfb2
Cs
0.1uF
FB2N
FB3P
Cs
0.1uF
Ra
Cs
0.1uF
3.3V
VPP
10
3.3V
Y4B
RVNN2
ADDRESS
VNN
Rp
RVPP1
Cs
0.1uF
I2C
CONTROL
Rfb3
Rfb3
Rd
Cs
0.1uF
Cs
0.1uF
FB1N
FB1P
10
VA50
Cv2bg
0.1uF
99
7
8
10
11
9
13
12
15
32
31
25
24
21
20
19
18
17
16
34
35
43
44
46
47
84
49
50
57
48
61
62
63
64
65
66
67
68
69
70
71
72
74
75
82
83
60
76
86
87
88
89
93
94
95
96
97
4
3
98
1
100
28
14
37
36
33
30
38
39
VCLAMP_BR
FB2P
FB2N
FB3N
FB3P
FAULT
FB4N
FB4P
HMUTE
TST_EN
OVRLDB
Y1
Y1B
Y2
Y2B
Y3
Y3B
Y4
Y4B
VA50
GA
VA33
VA33
GA
GA
GD
VD18CAP
VD33
GA
GD
MCK
SCK
SDA
DATA12
DATA34
DATAHP
BITCK
LRCK
VD18EN
RESETB
TESTMODE
ADDR2
ADDR1
GD
VD33
VD18CAP
GD
GA
GA
REXT
V2BGFILT
VA33
V2BG
HP1
HP2
GA
VA50
FB1P
FB1N
VCLAMP_SE
VNNSENSE
VPPSENSE
SLEEPB_OUT
AM_OUT
SE/BRGB
AM_IN
BYP_CAL
HMUTE_SET
GAIN0
GAIN1
Rb
Rfb2
Rfb3
HMUTEB
Rfb2
3.3V
5V
3.3V
RVNN1
+
4.7uF
Y3
Rb
VPP
Y2
Cs
0.1uF
Rfb2
VPP
0.1uF
RESET
FB3N
5V
RVPP2
Y1
Y4
FB4N
Ra
FAULT
Rfb3
Rext
10K 1%
Cs
0.1uF
QB
Rfb3
5V
QA
Rfb2
Connect ground planes at a
single location near
TCD6001.
3.3V
Y1B
Cv2bg
0.1uF
2
3
4
5
1
Rfb2
3.3V
5V
5V
Rfb2
AM MODE
SELECT


Similar Part No. - TCD6001

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results

Similar Description - TCD6001

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com