Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0104A Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TA0104A
Description  STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0104A Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TA0104A Datasheet HTML 4Page - Tripath Technology Inc. TA0104A Datasheet HTML 5Page - Tripath Technology Inc. TA0104A Datasheet HTML 6Page - Tripath Technology Inc. TA0104A Datasheet HTML 7Page - Tripath Technology Inc. TA0104A Datasheet HTML 8Page - Tripath Technology Inc. TA0104A Datasheet HTML 9Page - Tripath Technology Inc. TA0104A Datasheet HTML 10Page - Tripath Technology Inc. TA0104A Datasheet HTML 11Page - Tripath Technology Inc. TA0104A Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
TA0104A Amplifier Operation
Figure 1 is a simplified diagram of one channel (Channel 1) of a TA0104A amplifier to assist in
understanding its operation.
The audio input signal (IN1) is fed to the processor internal to the TA0104A, where a modulation
pattern is generated. This pattern is spread spectrum and varies between approximately 200kHz and
1.5MHz. Complementary copies of the switching pattern are level-shifted by the MOSFET drivers and
output from the TA0104A where they drive the gates (HO1 and LO1) of external power MOSFETs that
are connected as a half bridge. The output of the half bridge is a power-amplified version of the
switching pattern that switches between VSPOS and VSNEG. This signal is then low-pass filtered to
obtain amplified audio.
The processor portion of the TA0104A is operated from a 5-volt supply (between V5 and AGND). In
the generation of the complementary modulation pattern for the output MOSFETs, the processor
inserts a “break-before-make” dead time between when it turns one transistor off and it turns the
other one on in order to minimize shoot-through currents in the MOSFETs. The dead time can be
programmed by setting the break-before-make control bits, BBM0 and BBM1. Feedback information
from the output of the half-bridge is supplied to the processor via FDBKN1. Additional feedback
information to account for ground bounce is supplied via GNDKELVIN1.
The MOSFET drivers in the TA0104A are operated from voltages obtained from VN12 and LO1COM
for the low-side driver, and VBOOT (generated internal to the TA0104A) and HO1COM for the high-
side. Only N-Channel MOSFETs are required for both the top and bottom of the half bridge. VN12
must be a stable 12V above VSNEG. The gate resistors, RG, are used to control MOSFET slew rate
and thereby minimize voltage overshoots.
Over- and Under-Voltage Protection
The TA0104A senses the power rails through VSPOS and VSNEG for over- and under-voltage conditions.
The over- and under-voltage limits are Vo and Vu respectively as specified in the Electrical
Characteristics table. If the supply voltage exceeds Vo or drops below Vu, the TA0104A shuts off the
output stages of the amplifiers and asserts a logic level high on HMUTE. The removal of the over-
voltage or under-voltage condition returns the TA0104A to normal operation and returns HMUTE to a
logic level low. Please note that the limits specified in the Electrical Characteristics table are at 25
°C
and these limits may change over temperature.
Over-current Protection
The TA0104A has over-current protection circuitry to protect itself and the output transistors from
short-circuit conditions.
The TA0104A uses the voltage across a resistor, RS (measured via
OCS1H+, OCS1H-, OCS1L+ and OCS1L-), that is in series with each output MOSFET to detect an
over-current condition. RS and ROCR are used to set the over-current threshold. The OCS pins must
be Kelvin connected for proper operation. See “Circuit Board Layout” in Application Information for
details. An over-current condition will cause the TA0104A to shut off the output stages of the
amplifiers and supply a logic level high on HMUTE. The occurrence of an over-current condition is
latched in the TA0104A and can be cleared by toggling the MUTE input or cycling power.
8
TA104A – Rev. 3.1/06.00


Similar Part No. - TA0104A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Similar Description - TA0104A

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com