Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA0104A Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part No. TA0104A
Description  STEREO 500W (4Ω) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0104A Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TA0104A Datasheet HTML 1Page - Tripath Technology Inc. TA0104A Datasheet HTML 2Page - Tripath Technology Inc. TA0104A Datasheet HTML 3Page - Tripath Technology Inc. TA0104A Datasheet HTML 4Page - Tripath Technology Inc. TA0104A Datasheet HTML 5Page - Tripath Technology Inc. TA0104A Datasheet HTML 6Page - Tripath Technology Inc. TA0104A Datasheet HTML 7Page - Tripath Technology Inc. TA0104A Datasheet HTML 8Page - Tripath Technology Inc. TA0104A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
Test/Application Circuit
Processing
&
Modulation
TA0104A
MUTE
OVERLOADB
IN1
IN2
PGnd
AGnd
R
IN
R
IN
OCS1H-
HO1
HO1COM
OCS1L+
OCR1
OCR2
FDBKN1
VN12
R
S
V
SPOS
M
R
OCR1
R
OCR2
BBM0
BBM1
R
L
6
4
5
11
10
7
8
NC
36
128
18
OCS1H+
15
16
22
OCS1L-
14
13
20
21
LO1COM
17
9 GNDKELVIN1
HMUTE
V
SNEG
V
SPOS
19
23
24
2
NC
38
NC
37
NC - Not Connected (Must Be Left Floating)
C
IN
C
IN
Note - Heavy Lines Indicate High-Current Paths
R
G
D
C
BY
L
F
C
F
100uF
M
R
G
D
C
BY
R
S
100uF
V
SNEG
R
D
C
D
Processing
&
Modulation
OCS2H-
HO2
HO2COM
OCS2L+
R
S
V
SPOS
M
R
L
OCS2H+
33
34
25
OCS2L-
31
32
27
26
LO2COM
30
12 GNDKELVIN2
R
G
D
C
BY
L
F
C
F
100uF
M
R
G
D
C
BY
R
S
100uF
V
SNEG
R
D
C
D
LO1
35
29 FDBKN2
LO2
.1uF
.1uF
.1uF
V5
0.1 uF
3
1M
0.1 uF
1M
V5
10K
0.1 uF
1M
1M
V5
10K
50pF
1K
50pF
1K
5
TA104A – Rev. 3.1/06.00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TA0105A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2070 STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA3020 Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TA2020-020 Stereo 20W 4Ω Class-T Digital Audio Amplifier using Digital Power Processing Technology 1  2  3  4  5  More Tripath Technology Inc.
TDA2500 STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2022 STEREO 90W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP™ TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2021B STEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn