Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT601 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SPT601
Description  DC Input PhotoSCR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SPT601 Datasheet(HTML) 1 Page - Solid State Optronic

  SPT601 Datasheet HTML 1Page - Solid State Optronic SPT601 Datasheet HTML 2Page - Solid State Optronic SPT601 Datasheet HTML 3Page - Solid State Optronic SPT601 Datasheet HTML 4Page - Solid State Optronic SPT601 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPT601
DC Input
PhotoSCR
The SPT601 consists of an AlGaAs LED optically coupled to a photo-sensitive SCR. Optical coupling provides high isolation levels while
maintaining low-level DC signal control capability. With high load voltage and low input current, the SPT601 is an ideal solution to drive
SCR Triacs and Solid State Relays.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Low input control current (5mA MAX)
High blocking voltage (400V MIN)
400mA maximum continuous current
High input-to-output isolation (3.75kV MIN, 5.3kV MAX)
High Transient Immunity (dV/dt = 400V/us MIN)
RoHS compliant / LeadFree Component
Solid state reliability
Valve control
Solenoids
Remote switching
Home appliances
Metering equipment
Heating elements
High Input-Output Isolation (5.3kVrms)
-H
Surface Mount Leadform Option
-S
Tape and Reel Option
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Total Package Power
Dissipation
mW
500
Surge Current Rating
A
10
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL, C-UL Pending
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
SPT601
rev 1.40 (10/25/2004)


Similar Part No. - SPT601

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060/3 SSDI-SPT6060/3 Datasheet
26Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
More results

Similar Description - SPT601

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QTD20.241 PULS-QTD20.241 Datasheet
645Kb / 22P
   DC INPUT
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
   Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Rev. 1.5, 26-Oct-04
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
   INPUT 5W DC/DC CONVERTERS
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Solid State Optronic
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
   DC Input Optocoupler
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
   DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
   DC Input Optocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com