Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX28F640C3T Datasheet(PDF) 6 Page - Macronix International

Part No. MX28F640C3T
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX28F640C3T Datasheet(HTML) 6 Page - Macronix International

Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
P/N:PM0900
MX28F640C3T/B
REV. 0.6, AUG. 20, 2003
SECTOR STRUCTURE (TOP)
Sector
Sector Size
Address Range (h)
Boot Sector 0
4K Word
3FF000-3FFFFF
Boot Sector 1
4K Word
3FE000-3FEFFF
Parameter Sector 0
4K Word
3FD000-3FDFFF
Parameter Sector 1
4K Word
3FC000-3FCFFF
Parameter Sector 2
4K Word
3FB000-3FBFFF
Parameter Sector 3
4K Word
3FA000-3FAFFF
Parameter Sector 4
4K Word
3F9000-3F9FFF
Parameter Sector 5
4K Word
3F8000-3F8FFF
Main Sector 0
32K Word
3F0000-3F7FFF
Main Sector 1
32K Word
3E8000-3EFFFF
Main Sector 2
32K Word
3E0000-3E7FFF
Main Sector 3
32K Word
3D8000-3DFFFF
Main Sector 4
32K Word
3D0000-3D7FFF
Main Sector 5
32K Word
3C8000-3CFFFF
Main Sector 6
32K Word
3C0000-3C7FFF
Main Sector 7
32K Word
3B8000-3BFFFF
Main Sector 8
32K Word
3B0000-3B7FFF
Main Sector 9
32K Word
3A8000-3AFFFF
Main Sector 10
32K Word
3A0000-3A7FFF
Main Sector 11
32K Word
398000-39FFFF
Main Sector 12
32K Word
390000-397FFF
Main Sector 13
32K Word
388000-38FFFF
Main Sector 14
32K Word
380000-387FFF
Main Sector 15
32K Word
378000-37FFFF
Main Sector 16
32K Word
370000-377FFF
Main Sector 17
32K Word
368000-36FFFF
Main Sector 18
32K Word
360000-367FFF
Main Sector 19
32K Word
358000-35FFFF
Main Sector 20
32K Word
350000-357FFF
Main Sector 21
32K Word
348000-34FFFF
Main Sector 22
32K Word
340000-347FFF
Main Sector 23
32K Word
338000-33FFFF
Main Sector 24
32K Word
330000-337FFF
Main Sector 25
32K Word
328000-32FFFF
Main Sector 26
32K Word
320000-327FFF
Main Sector 27
32K Word
318000-31FFFF
Main Sector 28
32K Word
310000-317FFF
Main Sector 29
32K Word
308000-30FFFF
Main Sector 30
32K Word
300000-307FFF
Sector
Sector Size
Address Range (h)
Main Sector 31
32K Word
2F8000-2FFFFF
Main Sector 32
32K Word
2F0000-2F7FFF
Main Sector 33
32K Word
2E8000-2EFFFF
Main Sector 34
32K Word
2E0000-2E7FFF
Main Sector 35
32K Word
2D8000-2DFFFF
Main Sector 36
32K Word
2D0000-2D7FFF
Main Sector 37
32K Word
2C8000-2CFFFF
Main Sector 38
32K Word
2C0000-2C7FFF
Main Sector 39
32K Word
2B8000-2BFFFF
Main Sector 40
32K Word
2B0000-2B7FFF
Main Sector 41
32K Word
2A8000-2AFFFF
Main Sector 42
32K Word
2A0000-2A7FFF
Main Sector 43
32K Word
298000-29FFFF
Main Sector 44
32K Word
290000-297FFF
Main Sector 45
32K Word
288000-28FFFF
Main Sector 46
32K Word
280000-287FFF
Main Sector 47
32K Word
278000-27FFFF
Main Sector 48
32K Word
270000-277FFF
Main Sector 49
32K Word
268000-26FFFF
Main Sector 50
32K Word
260000-267FFF
Main Sector 51
32K Word
258000-25FFFF
Main Sector 52
32K Word
250000-257FFF
Main Sector 53
32K Word
248000-24FFFF
Main Sector 54
32K Word
240000-247FFF
Main Sector 55
32K Word
238000-23FFFF
Main Sector 56
32K Word
230000-237FFF
Main Sector 57
32K Word
228000-22FFFF
Main Sector 58
32K Word
220000-227FFF
Main Sector 59
32K Word
218000-21FFFF
Main Sector 60
32K Word
210000-217FFF
Main Sector 61
32K Word
208000-20FFFF
Main Sector 62
32K Word
200000-207FFF
Main Sector 63
32K Word
1F8000-1FFFFF
Main Sector 64
32K Word
1F0000-1F7FFF
Main Sector 65
32K Word
1E8000-1EFFFF
Main Sector 66
32K Word
1E0000-1E7FFF
Main Sector 67
32K Word
1D8000-1DFFFF
Main Sector 68
32K Word
1D0000-1D7FFF
Main Sector 69
32K Word
1C8000-1CFFFF
Main Sector 70
32K Word
1C0000-1C7FFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn