Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX28F640C3T Datasheet(PDF) 5 Page - Macronix International

Part No. MX28F640C3T
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F640C3T Datasheet(HTML) 5 Page - Macronix International

  MX28F640C3T Datasheet HTML 1Page - Macronix International MX28F640C3T Datasheet HTML 2Page - Macronix International MX28F640C3T Datasheet HTML 3Page - Macronix International MX28F640C3T Datasheet HTML 4Page - Macronix International MX28F640C3T Datasheet HTML 5Page - Macronix International MX28F640C3T Datasheet HTML 6Page - Macronix International MX28F640C3T Datasheet HTML 7Page - Macronix International MX28F640C3T Datasheet HTML 8Page - Macronix International MX28F640C3T Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
P/N:PM0900
MX28F640C3T/B
REV. 0.6, AUG. 20, 2003
Table 1. Pin Description
Symbol
Type
Description and Function
A0-A21
input
Address inputs for memory address. Data pin float to high-impedance when the chip is
deselected or outputs are disable. Addresses are internally latched during a write or
erase cycle.
Q0-Q15
input/output
Data inputs/outputs: Inputs array data on the second CE and WE cycle during a pro-
gram command. Data is internally latched. Outputs array and configuration data. The
data pin float to tri-state when the chip is de-selected.
CE
input
Activates the device's control logic, input buffers, and sense amplifiers. CE high de-
selects the memory device and reduce power consumption to standby level. CE is
active low.
RESET
input
Reset Deep Power Down: when RESET=VIL, the device is in reset/deep power down
mode, which drives the outputs to High Z, resets the WSM and minimizes current level.
When RESET=VIH, the device is normal operation. When RESET transition the device
defaults to the read array mode.
WE
input
Write Enable: to control write to CUI and array sector. WR=VIL becomes active. The
data and address is latched WE on the rising edge of the second WE pulse.
VPP
input/supply
Program/Erase Power Supply:(1.65V~3.6V)
Lower VPP<VPPLK, to protect any contents against Program and Erase Command.
Set VPP=VCC for in-system Read, Program and Erase Operation.
OE
input
Output enable: gates the device's outputs during a real cycle.
WP
input
Write protect: when WP is VIL, the boot sectors cannot be written or erased. When WP
is VIH, locked boot sectors cannot be written or erase. WP is not affected parameter
and main sectors.
VCC
supply
Device power supply: (2.7V~3.6V).
VCCQ
input
I/O Power Supply: supplies for input/output buffers.
[2.7V~3.6V] This input should be tied directly to VCC.
GND
supply
Ground voltage: all the GND pin shall not be connected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn