Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX28F640C3T Datasheet(PDF) 4 Page - Macronix International

Part No. MX28F640C3T
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX28F640C3T Datasheet(HTML) 4 Page - Macronix International

 
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
P/N:PM0900
MX28F640C3T/B
REV. 0.6, AUG. 20, 2003
PIN CONFIGURATIONS
48 TSOP (Standard Type) (12mm x 20mm)
48 Ball CSP
(11 mm x 12 mm) Top View, Ball Down (Ball Pitch=0.75mm, Ball Width=0.35mm)
A15
A14
A13
A12
A11
A10
A9
A8
A21
A20
WE
RESET
VPP
WP
A19
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
VCCQ
GND
Q15
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE
GND
CE
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX28F640C3T/B
A1
A13
A2
A11
A3
A8
A4
VPP
A5
WP
A6
A19
B1
A14
B2
A10
B3
WE
B4
RESET
B5
A18
B6
A17
C1
A15
C2
A12
C3
A9
C4
A21
C5
A20
C6
A6
D1
A16
D2
Q14
D3
Q5
D4
Q11
D5
Q2
D6
Q8
E1
VCCQ
E2
Q15
E3
Q6
E4
Q12
E5
Q3
E6
Q9
F1
GND
F2
Q7
F3
Q13
F4
Q4
F5
VCC
F6
Q10
A7
A7
A8
A4
B7
A5
B8
A2
C7
A3
C8
A1
D7
CE
D8
A0
E7
Q0
E8
GND
F7
Q1
F8
OE
11 mm
12 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn