Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MX28F640C3T Datasheet(PDF) 1 Page - Macronix International

Part No. MX28F640C3T
Description  64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

MX28F640C3T Datasheet(HTML) 1 Page - Macronix International

 
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1
P/N:PM0900
REV. 0.6, AUG. 20, 2003
MX28F640C3T/B
64M-BIT[4Mx16]CMOSSINGLEVOLTAGE
3VONLYFLASHMEMORY
ADVANCED INFORMATION
• Automatic Suspend Enhance
- Word write suspend to read
- Sector erase suspend to word write
- Sector erase suspend to read register report
• Automatic sector erase, full chip erase, word write and
sector lock/unlock configuration
• Status Reply
- Detection of program and erase operation comple-
tion.
- Command User Interface (CUI)
- Status Register (SR)
• Data Protection Performance
- Include boot sectors and parameter and main sectors
to be block/unblock
• 100,000 minimum erase/program cycles
• Common Flash Interface (CFI)
• 128-bit Protection Register
- 64-bit Unique Device Identifier
- 64-bit User-Programmable
• Latch-up protected to 100mA from -1V to VCC+1V
• Package type:
- 48-pin TSOP (12mm x 20mm)
- 48-ball CSP (11mm x 12mm)
FEATURES
• Bit Organization: 4,194,304 x 16
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
- VCC=VCCQ=2.7~3.6V
- Operating temperature:-40°C~85°C
• Fast access time : 90/120ns
• Low power consumption
- 9mA maximum active read current, f=5MHz (CMOS
input)
- 21mA program erase current maximum
(VPP=1.65~3.6V)
- 7uA typical standby current under power saving
mode
• Sector architecture
- Sector Erase (Sector structure : 4Kword x 2 (boot
sectors), 4Kword x 6 (parameter sectors), 32Kword x
127 (parameter sectors)
- Top/Bottom Boot
• Auto Erase (chip & sector) and Auto Program
- Automatically program and verify data at specified
address
GENERAL DESCRIPTION
The MX28F640C3T/B is a 64-mega bit Flash memory
organized as 4M words of 16 bits. The 1M word of data
is arranged in eight 4Kword boot and parameter sectors,
and 127 32Kword main sector which are individually
erasable. MXIC's Flash memories offer the most cost-
effective and reliable read/write non-volatile random ac-
cess memory. The MX28F640C3T/B is packaged in 48-
pin TSOP and 48-ball CSP. It is designed to be repro-
grammed and erased in system or in standard EPROM
programmers.
The standard MX28F640C3T/B offers access time as
fast as 90ns, allowing operation of high-speed micropro-
cessors without wait states.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX28F640C3T/B uses a command register to manage
this functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn