Electronic Components Datasheet Search |
|
534ABXXXXXXBG Datasheet(PDF) 6 Page - Silicon Laboratories |
|
534ABXXXXXXBG Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 10 page Si534 6 Preliminary Rev. 0.4 3. Ordering Information The Si534 XO was designed to support a variety of options including frequency, temperature stability, output format, and VDD. Specific device configurations are programmed into the Si534 at time of shipment. Configurations can be specified using the Part Number Configuration chart below. Silicon Laboratories provides a web browser- based part number configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to access this tool and for further ordering instructions. The Si534 is supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm package. Figure 1. Part Number Convention Example Part Number: 534AB000108BGR is a 5 x 7 mm quad XO in a 8 pad package. Since the six digit code (000108) is > 000100, f0 is 644.53125 MHz (lower frequency) and f1 is 693.48299 (higher frequency), with a 3.3 V supply and LVPECL output. Temperature stability is specified as ± 20 ppm. The part is specified for a –40 to +85 C° ambient temperature range operation and is shipped in tape and reel format. DD R = Tape & Reel Blank = Trays Operating Temp Range (°C) G –40 to +85 °C Device Revision Letter 2 nd Option Code Code Temperature Stability (ppm, max, ±) A 50 B 20 534 Quad XO Product Family 1st Option Code Code VDD Output Format A3.3 LVPECL B3.3 LVDS C3.3 CMOS D3.3 CML E2.5 LVPECL F2.5 LVDS G2.5 CMOS H2.5 CML J1.8 CMOS K1.8 CML Note: CMOS available to 160 MHz. 6-digit Frequency Designator Code Four unique frequencies can be specified within the following bands of frequencies: 10 to 945 MHz, 970 to 1134 MHz, and 1213 to 1417 MHz. A six digit code will be assigned for the specified combination of frequencies. Codes > 000100 refer to quad XOs programmed with the lowest frequency value selected when FS[1:0] = 00, and the highest value when FS[1:0] = 11. Six digit codes < 000100 refer to quad XOs programmed with the highest frequency value selected when FS[1:0] = 00, and the lowest value when FS[1:0] = 11. 534 X X XXXXXX B G R |
Similar Part No. - 534ABXXXXXXBG |
|
Similar Description - 534ABXXXXXXBG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |