Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534HB622M080BG Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 534HB622M080BG
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534HB622M080BG Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 534HB622M080BG Datasheet HTML 2Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 3Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 4Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 5Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 6Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 7Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 8Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 9Page - Silicon Laboratories 534HB622M080BG Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si550
6
Preliminary Rev. 0.3
Table 8. Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
–0.5 to +3.8
Volts
Input Voltage
VI
–0.5 to VDD + 0.3
Volts
Storage Temperature
TS
–55 to +125
ºC
ESD Sensitivity (HBM, per JESD22-A114)
ESD
>2500
Volts
Soldering Temperature (lead-free profile)
TPEAK
260
ºC
Soldering Temperature Time @ TPEAK (lead-free profile)
tP
10
seconds
Note: Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional
operation or specification compliance is not implied at these conditions.
Table 9. Environmental Compliance
The Si550 meets the following qualification test requirements.
Parameter
Conditions/ Test Method
Mechanical Shock
MIL-STD-883F, Method 2002.3 B
Mechanical Vibration
MIL-STD-883F, Method 2007.3 A
Solderability
MIL-STD-883F, Method 203.8
Gross & Fine Leak
MIL-STD-883F, Method 1014.7
Resistance to Solvents
MIL-STD-883F, Method 2016


Similar Part No. - 534HB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
534HB622080BG SILABS-534HB622080BG Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
534HB622080BGR SILABS-534HB622080BGR Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
More results

Similar Description - 534HB622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI596 SKYWORKS-SI596 Datasheet
527Kb / 16P
   DUAL-FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
SI597 SKYWORKS-SI597 Datasheet
514Kb / 13P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com