Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530JA622M080BG Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 530JA622M080BG
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

530JA622M080BG Datasheet(HTML) 5 Page - Silicon Laboratories

  530JA622M080BG Datasheet HTML 1Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 2Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 3Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 4Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 5Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 6Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 7Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 8Page - Silicon Laboratories 530JA622M080BG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Si530/531
Preliminary Rev. 0.4
5
2. Pin Descriptions
Table 8. Pinout for Si530 Series
Pin
Symbol
LVDS/LVPECL/CML Function
CMOS Function
1
OE (CMOS only)
No connection
Output enable
0 = clock output disabled (outputs tristated)
1 = clock output enabled
2
OE
(LVPECL,LVDS,
CML)
Output enable
0 = clock output disabled (outputs tristated)
1 = clock output enabled
No connection
3
GND
Electrical and Case Ground
Electrical and Case Ground
4
CLK+
Oscillator Output
Oscillator Output
5
CLK–
Complementary output
No connection
6VDD
Power Supply Voltage
Power Supply Voltage
Table 9. Pinout for Si531 Series
Pin
Symbol
LVDS/LVPECL/CML Function
1
OE (LVPECL, LVDS, CML)
Output enable
0 = clock output disabled (outputs tristated)
1 = clock output enabled
2
No connection
No connection
3
GND
Electrical and Case Ground
4
CLK+
Oscillator Output
5
CLK–
Complementary output
6VDD
Power Supply Voltage
1
2
3
6
5
4
GND
NC
VDD
CLK+
NC
OE
(Top View)
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si530
LVDS/LVPECL/CML
Si530
CMOS
Si531
LVDS/LVPECL/CML


Similar Part No. - 530JA622M080BG

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530JPKC HB-530JPKC Datasheet
113Kb / 3P
   LED
More results

Similar Description - 530JA622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com