Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX26LV800T Datasheet(PDF) 4 Page - Macronix International

Part # MX26LV800T
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX26LV800T Datasheet(HTML) 4 Page - Macronix International

  MX26LV800T Datasheet HTML 1Page - Macronix International MX26LV800T Datasheet HTML 2Page - Macronix International MX26LV800T Datasheet HTML 3Page - Macronix International MX26LV800T Datasheet HTML 4Page - Macronix International MX26LV800T Datasheet HTML 5Page - Macronix International MX26LV800T Datasheet HTML 6Page - Macronix International MX26LV800T Datasheet HTML 7Page - Macronix International MX26LV800T Datasheet HTML 8Page - Macronix International MX26LV800T Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
P/N:PM1007
MX26LV800T/B
REV. 1.3, APR. 13, 2005
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode
Byte Mode (x8)
Word Mode (x16)
A18 A17 A16 A15 A14 A13 A12
SA0
16Kbytes
8Kwords
00000h-03FFFh
00000h-01FFFh
000000
X
SA1
8Kbytes
4Kwords
04000h-05FFFh
02000h-02FFFh
000001
0
SA2
8Kbytes
4Kwords
06000h-07FFFh
03000h-03FFFh
000001
1
SA3
32Kbytes
16Kwords
08000h-0FFFFh
04000h-07FFFh
00001
X
X
SA4
64Kbytes
32Kwords
10000h-1FFFFh
08000h-0FFFFh
0001
X
X
X
SA5
64Kbytes
32Kwords
20000h-2FFFFh
10000h-17FFFh
0010
X
X
X
SA6
64Kbytes
32Kwords
30000h-3FFFFh
18000h-1FFFFh
0011
X
X
X
SA7
64Kbytes
32Kwords
40000h-4FFFFh
20000h-27FFFh
0100
X
X
X
SA8
64Kbytes
32Kwords
50000h-5FFFFh
28000h-2FFFFh
0101
X
X
X
SA9
64Kbytes
32Kwords
60000h-6FFFFh
30000h-37FFFh
0110
X
X
X
SA10
64Kbytes
32Kwords
70000h-7FFFFh
38000h-3FFFFh
0111
X
X
X
SA11
64Kbytes
32Kwords
80000h-8FFFFh
40000h-47FFFh
1000
X
X
X
SA12
64Kbytes
32Kwords
90000h-9FFFFh
48000h-4FFFFh
1001
X
X
X
SA13
64Kbytes
32Kwords
A0000h-AFFFFh
50000h-57FFFh
1010
X
X
X
SA14
64Kbytes
32Kwords
B0000h-BFFFFh
58000h-5FFFFh
1011
X
X
X
SA15
64Kbytes
32Kwords
C0000h-CFFFFh
60000h-67FFFh
1100
X
X
X
SA16
64Kbytes
32Kwords
D0000h-DFFFFh
68000h-6FFFFh
1101
X
X
X
SA17
64Kbytes
32Kwords
E0000h-EFFFFh
70000h-77FFFh
1110
X
X
X
SA18
64Kbytes
32Kwords
F0000h-FFFFFh
78000h-7FFFFh
1111
X
X
X
TABLE 2: MX26LV800B SECTOR ARCHITECTURE
Note: Byte mode:address range A18:A-1, word mode:address range A18:A0.


Similar Part No. - MX26LV800T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV800AB MCNIX-MX26LV800AB Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800ABTC-55 MCNIX-MX26LV800ABTC-55 Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800ABTC-55G MCNIX-MX26LV800ABTC-55G Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800ABTC-70 MCNIX-MX26LV800ABTC-70 Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800ABTC-70G MCNIX-MX26LV800ABTC-70G Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
More results

Similar Description - MX26LV800T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV400 MCNIX-MX26LV400 Datasheet
550Kb / 46P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com