Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534GAXXXXXXBGR Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 534GAXXXXXXBGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

534GAXXXXXXBGR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 534GAXXXXXXBGR Datasheet HTML 2Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 3Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 4Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 5Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 6Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 7Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 8Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 9Page - Silicon Laboratories 534GAXXXXXXBGR Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si534
6
Preliminary Rev. 0.4
3. Ordering Information
The Si534 XO was designed to support a variety of options including frequency, temperature stability, output
format, and VDD. Specific device configurations are programmed into the Si534 at time of shipment. Configurations
can be specified using the Part Number Configuration chart below. Silicon Laboratories provides a web browser-
based part number configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to
access this tool and for further ordering instructions. The Si534 is supplied in an industry-standard, RoHS
compliant, 6-pad, 5 x 7 mm package.
Figure 1. Part Number Convention
Example Part Number: 534AB000108BGR is a 5 x 7 mm quad XO in a 8 pad package. Since the six digit code (000108) is >
000100, f0 is 644.53125 MHz (lower frequency) and f1 is 693.48299 (higher frequency), with a 3.3 V supply and LVPECL output.
Temperature stability is specified as ± 20 ppm. The part is specified for a –40 to +85 C° ambient temperature range operation and is
shipped in tape and reel format.
DD
R = Tape & Reel
Blank = Trays
Operating Temp Range (°C)
G
–40 to +85 °C
Device Revision Letter
2
nd Option Code
Code Temperature Stability (ppm, max, ±)
A
50
B
20
534 Quad XO
Product Family
1st Option Code
Code
VDD
Output Format
A3.3
LVPECL
B3.3
LVDS
C3.3
CMOS
D3.3
CML
E2.5
LVPECL
F2.5
LVDS
G2.5
CMOS
H2.5
CML
J1.8
CMOS
K1.8
CML
Note:
CMOS available to 160 MHz.
6-digit Frequency Designator Code
Four unique frequencies can be specified within the following bands of frequencies: 10 to
945 MHz, 970 to 1134 MHz, and 1213 to 1417 MHz. A six digit code will be assigned for
the specified combination of frequencies. Codes > 000100 refer to quad XOs
programmed with the lowest frequency value selected when FS[1:0] = 00, and the highest
value when FS[1:0] = 11. Six digit codes < 000100 refer to quad XOs programmed with
the highest frequency value selected when FS[1:0] = 00, and the lowest value when
FS[1:0] = 11.
534
X
X
XXXXXX
B
G
R


Similar Part No. - 534GAXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
534GA622M080BG SILABS-534GA622M080BG Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
534GA622M080BGR SILABS-534GA622M080BGR Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results

Similar Description - 534GAXXXXXXBGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com