Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530BB622M080BGR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 530BB622M080BGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

530BB622M080BGR Datasheet(HTML) 1 Page - Silicon Laboratories

  530BB622M080BGR Datasheet HTML 1Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 2Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 3Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 4Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 5Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 6Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 7Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 8Page - Silicon Laboratories 530BB622M080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Rev. 0.4 5/06
Copyright © 2006 by Silicon Laboratories
Si530/531
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si530/531
CRYSTAL OSCILLATOR (XO)
(10 MHZ TO 1.4 GHZ)
Features
Applications
Description
The Si530/531 XO utilizes Silicon Laboratories’ advanced DSPLL® circuitry
to provide a low jitter clock at high frequencies. The Si530/531 is available
with any-rate output frequency from 10 to 945 MHz and select frequencies to
1400 MHz. Unlike a traditional XO, where a different crystal is required for
each output frequency, the Si530/531 uses one fixed crystal to provide a
wide range of output frequencies. This IC based approach allows the crystal
resonator to provide exceptional frequency stability and reliability. In addition,
DSPLL clock synthesis provides superior supply noise rejection, simplifying
the task of generating low jitter clocks in noisy environments typically found in
communication systems. The Si530/531 IC based XO is factory configurable
for a wide variety of user specifications including frequency, supply voltage,
output format, and temperature stability. Specific configurations are factory
programmed at time of shipment, thereby eliminating long lead times
associated with custom oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 MHz to 945 MHz
and select frequencies to 1.4 GHz
3rd generation DSPLL® with superior
jitter performance
3x better frequency stability than
SAW-based oscillators
Internal fixed crystal frequency
ensures high reliability and low
aging
Available CMOS, LVPECL,
LVDS, and CML outputs
3.3, 2.5, and 1.8 V supply options
Industry-standard 5 x 7 mm
package and pinout
Pb-free/RoHS-compliant
SONET/SDH
Networking
SD/HD video
Clock and data recovery
FPGA/ASIC clock generation
Fixed
Frequency
XO
Any-rate
10–1400 MHz
DSPLL®
Clock
Synthesis
VDD
CLK+
CLK–
OE
GND
Ordering Information:
See page 6.
Pin Assignments:
See page 5.
(Top View)
Si5602
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
NC
OE
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si530 (LVDS/LVPECL/CML)
Si530 (CMOS)
Si531 (LVDS/LVPECL/CML)
PRELIMINARY DATA SHEET


Similar Part No. - 530BB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
530BUE BELDEN-530BUE Datasheet
155Kb / 2P
   Security & Sound, #18-20c, BC, CMR
05-05-2023
530BUE-0081000 BELDEN-530BUE-0081000 Datasheet
155Kb / 2P
   Security & Sound, #18-20c, BC, CMR
05-05-2023
More results

Similar Description - 530BB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com