Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26303GN-120 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS26303GN-120
Description  3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26303GN-120 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS26303GN-120 Datasheet HTML 7Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 8Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 9Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 10Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 11Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 12Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 13Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 14Page - Maxim Integrated Products DS26303GN-120 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
DS26303: 3.3V, T1/E1/J1, Short-Haul, Octal Line Interface Unit
11 of 97
4 PIN DESCRIPTION
Table 4-1. Pin Descriptions
PIN
NAME
eLQFP
PBGA
TYPE
FUNCTION
ANALOG TRANSMIT AND RECEIVE
TTIP1
45
N5
TTIP2
52
L5
TTIP3
57
L10
TTIP4
64
N10
TTIP5
117
B10
TTIP6
124
D10
TTIP7
129
D5
TTIP8
136
B5
Analog
Output
Transmit Bipolar Tip for Channel 1 to 8. These pins are
differential line-driver tip outputs. These pins can be high
impedance if pin OE is low. If the corresponding clock TCLKn is
low for 64 MCLKs, where n is 1 to 8 for the eight transmitters. This
puts the corresponding transmitter in a power-down mode. When
1 is set in the OEB.OEB bit, the associated pin is high impedance.
The differential outputs of TTIPn and TRINGn can provide internal
matched impedance for E1 75
W, E1 120W, T1 100W, or J1 110W.
TRING1
46
P5
TRING2
51
M5
TRING3
58
M10
TRING4
63
P10
TRING5
118
A10
TRING6
123
C10
TRING7
130
C5
TRING8
135
A5
Analog
Output
Transmit Bipolar Ring for Channel 1 to 8. These pins are
differential line-driver ring outputs. These pins can be high
impedance if pin OE is low. If the corresponding clock TCLKn is
low for 64 MCLKs, where n is 1 to 8 for the eight transmitters. This
puts the corresponding transmitter in a power-down mode. When
1 is set in the OEB.OEB bit, the associated pin is high impedance.
The differential outputs of TTIPn and TRINGn can provide internal
matched impedance for E1 75
W, E1 120W, T1 100W, or J1 110W.
RTIP1
48
P7
RTIP2
55
M7
RTIP3
60
M8
RTIP4
67
P8
RTIP5
120
A8
RTIP6
127
C8
RTIP7
132
C7
RTIP8
139
A7
Analog
Input
Receive Bipolar Tip for Channel 1 to 8. Receive analog input for
differential receiver. Data and clock are recovered and output at
RPOS/RNEG and RCLK pins, respectively. The differential inputs
of RTIPn and RRINGn can provide internal matched impedance
for E1 75
W, E1 120W, T1 100W, or J1 110W.
RRING1
49
N7
RRING2
54
L7
RRING3
61
L8
RRING4
66
N8
RRING5
121
B8
RRING6
126
D8
RRING7
133
D7
RRING8
138
B7
Analog
Input
Receive Bipolar Ring for Channel 1 to 8. Receive analog input
for differential receiver. Data and clock are recovered and output
at RPOS/RNEG and RCLK pins, respectively. The differential
inputs of RTIPn and RRINGn can provide internal matched
impedance for E1 75
W, E1 120W, T1 100W, or J1 110W.


Similar Part No. - DS26303GN-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
DS26303DK MAXIM-DS26303DK Datasheet
2Mb / 43P
   3.3V, E1/T1/J1, Short-Haul, Octal LIU Design Kit
REV: 101105
logo
Dallas Semiconductor
DS26303L-XXX DALLAS-DS26303L-XXX Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303L-XXX MAXIM-DS26303L-XXX Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results

Similar Description - DS26303GN-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2088 RENESAS-IDT82V2088 Datasheet
922Kb / 79P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
November 2012
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
   OCTAL T1/E1/J1 Short Haul Line Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com